PART |
Description |
Maker |
AD5555CRU AD5555CRU-REEL7 AD5545 AD5545BRU-REEL7 A |
Precision DUAL 16-Bit 14-Bit-DACs in Compact TSSOP Packages Dual/ Current-Output/ Serial-Input/ 16-/14-Bit DAC Dual, Current-Output, Serial-Input, 16-/14-Bit DAC SERIAL INPUT LOADING, 0.5 us SETTLING TIME, 14-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX5853 MAX5853ETL |
Dual, 10-Bit, 80Msps, Current-Output DAC 2.7 V to 3.6 V, Dual, 10-bit, 80 Msps, current-output DAC
|
MAXIM - Dallas Semiconductor
|
LT1236A-10 LT1097 LTC2601 LT1001 LTC1821 LTC2704 L |
Dual Current Output 12-Bit SoftSpan DACs with Parallel I/O; Package: QFN; No of Pins: 48; Temperature Range: -40°C to 85°C Dual Current Output 12-Bit SoftSpan DACs with Parallel I/O; Package: QFN; No of Pins: 48; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, PQCC48 Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MAX5547 MAX5547ETA |
Dual, 10-Bit, Current-Sink Output DAC
|
Maxim Integrated Products, Inc.
|
MAX5547 MAX5547ETA |
From old datasheet system Dual, 10-Bit, Current-Sink Output DAC
|
Maxim Integrated Products
|
MAX5182 MAX5182BEEI MAX5185BEEI |
Dual / 10-Bit / 40MHz Current/Voltage Alternate-Phase Output DACs Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX5188 MAX5188BEEI MAX5191 MAX5191BEEI |
Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs Dual / 8-Bit / 40MHz / Current/Voltage / Alternate-Phase Output DACs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm
|
MAX5548 MAX5548ETE |
From old datasheet system Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
|
Maxim Integrated Products
|
MAX5182 MAX5185 |
Dual.10-Bit.40MHz Current/Voltage Output DACs with Alternate Phase Update Dual, 10-Bit, 40MHz Current/Voltage Output DACs with Alternate Phase Update
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
FEC40-12T3315 FEC40 FEC40-12D12 FEC40-12D15 FEC40- |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 提供单,双,双阳性(总输出电A)及三路输出
|
Electronic Theatre Controls, Inc. ETC[ETC] Power Mate Technology
|
28C17A-25/K 28C17A-25I/K 28C17AF-25/K 28C17A-20/K |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ 128Kx8 EEPROM 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs x8的EEPROM
|
STMicroelectronics N.V.
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|