PART |
Description |
Maker |
UWFC5201A UWFC5201P UWFC5202A UWFC5202P UWFC5203A |
Single Window Single-Mode Wideband Fiber Coupler
|
OPLINK Communications Inc. OPLINK Communications I...
|
SWFC9145A1111 SWFC3145A1111 SWFC9145A1112 SWFC5145 |
Single Window Single Mode Wideband Fiber Coupler
|
OPLINK Communications Inc. OPLINK Communications I...
|
SWFC3333A001111 SWFC3333A001112 SWFC3333A001113 SW |
Single Window Single Mode Wideband Fiber Coupler
|
OPLINK Communications Inc.
|
MAX6754UKLD0-T MAX6755UKLD0-T MAX6756UKLD0-T MAX67 |
Vcc: 5.0 V, active timeout period: 0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 5.0 V, active timeout period: 100 ms-320 ms, low-power, single/dual-voltage window detector Vcc: 5.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 2.5 V, Vcc:1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, Vcc: 1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, Vcc:adj, active timeout period:185 ms, low-power single/dual-voltage window detector
|
MAXIM - Dallas Semiconductor
|
6538/1/111/53 6533/1/601/16 |
Low-Power, Single/Dual-Voltage Window Detectors PATCHPANEL RJ45 16KANAL GESCHIRMT PATCHPANEL个RJ45 16KANAL GESCHIRMT
|
TE Connectivity, Ltd.
|
EL5287C EL5287CY EL5287CY-T13 |
Dual and Window 4ns High-Speed Comparators
|
Elantec Semiconductor
|
MMFC-S0161 MMFC1150A001111 MMFC1150A0011H1 MMFC115 |
Multi-Mode Single Window Wideband Fused Fiber Coupler Fused Fiber Coupler
|
OPLINK Communications Inc. OPLINK Communications I...
|
PE300511-2 PE300511-1 PE300511-3 |
CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE,MODE CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE ,MODE CONDITIONING CABLE ASSEMBLY ST SINGLE MODE TO SC SINGEL MODE &MULTI MODE MODE CONDITIONING
|
Pasternack Enterprises, Inc.
|
LM3668SDX-4550 |
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
|
http://
|
STBB1-APUR STBB1-AXX |
1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
|
ST Microelectronics
|