PART |
Description |
Maker |
2381592X750Y VDRS10A020XYE VDRS20A020XYE VDRS07G03 |
The varistors consist of a disc of low-┈ ceramic material with two tinned solid copper leads The varistors consist of a disc of low-? ceramic material with two tinned solid copper leads The varistors consist of a disc of low-? ceramic material with two tinned solid copper leads The varistors consist of a disc of low-漏卢 ceramic material with two tinned solid copper leads
|
http:// Vishay Siliconix
|
B72214F2381K101 |
SIOV metal oxide varistors Housed (Fail-safe) varistors
|
EPCOS
|
BFR93AW |
NPN Silicon RF Transistor for low dis...
|
Infineon
|
K4N27 |
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
|
KODENSHI CORP. KODENSHI[KODENSHI KOREA CORP.]
|
PC-17L4 PC-17L1 PC-17L2 |
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
|
KODENSHI[KODENSHI KOREA CORP.]
|
PC-17T1 |
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
|
KODENSHI KOREA CORP.
|
KPC814A KPC844A KPC824A |
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
|
KODENSHI[KODENSHI KOREA CORP.] Kodenshi Corp
|
K3631 K3630 |
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
|
Kondenshi Corp KODENSHI CORP.
|
0830814 |
The cable marker labels consist of a self-adhesive marking field and a transparent protective foil
|
PHOENIX CONTACT
|
FOD0708 |
Optocouplers consist of an AlGaAs LED optically coupled to a high speed trans-impedance amplifier and voltage comparator
|
FAIRCHILD
|
HD74HC157 HD74HC158 |
Quad. 2-to-1-line Data Selectors/Multiplexers These devices each consist of four 2-input digital multiplexers with common select and strobe inputs
|
Hitachi Semiconductor
|
HCPL0600 HCPL0601 HCPL0611 HCPL0637 HCPL0638 HCPL0 |
The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
|
Fairchild Semiconductor
|