PART |
Description |
Maker |
6344S 1133BRO 5544S 5504S 9007RED 2531WHI 5702S 56 |
Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package JUNCTION BOX 3 TERMINAL BRN BLANKING PLATE MCB ENCLOSURE 4 MODULE PLUG COMMANDO 16A RED IP44 MAINS SOCKET 1 GANG SW ENCLOSURE 2 MODULE SPLASHPROOF ENCLOSURE 7 MODULE MOUNTING BOX 35MM 2 GANG MOUNTING BOX 35MM 1 GANG MTG BOX 46MM DEEP 1 GANG SWITCH DISCONNECTOR 100A *****OBOSLETE OFFER 721-7298****** PLUG COMMANDO 32A YEL.IP44 Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits CIRCUIT BREAKER RCBO 32A KEY FOR SECURITY SCREW MOUNTING BOX 47MM 2 GANG MOUNTING BOX 25MM 2 GANG MOUNTING BOX 25MM 1 GANG 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit ENCLOSURE 12 MODULE ENCLOSURE 20 MODULE MOUNTING BOX DRY LINER 1 GANG "PLUG""HOSPITAL PROPERTY""13A "PLUG""COMPANY PROPERTY""13A SWITCH PULLCORD 1 WAY SP 5A SWITCH PULLCORD 2 WAY SP 5A Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 接线端子溴代 ENCLOSURE 16 MODULE 围栏16模块 LAMPHOLDER PENDANT SET
|
3M Company Panasonic, Corp.
|
MK11-1A84C-500W MK11_M8-1A84C-500W MK11-1C90C-500W |
Reed Sensor with Screw Thread Enclosure
|
Meder Electronic
|
3239 |
Enclosure; Enclosure Material:Aluminum; External Height:1.38"; External Width:2.25"; External Depth:1.13"; Enclosure Color:Blue; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
USB-COM-2SM |
Enclosure and multifunction module
|
Advanced Digital Logic, Inc.
|
MK11-1A66E-500W MK11-1C90D-500W MK11_M8-1C90D-500W |
Reed Sensor with Screw Thread Enclosure (deutsch) MK Reed Sensor
|
Meder Electronic
|
HYMP112S64MP8-E4 HYMP112S64LMP8-C4 HYMP112S64LMP8- |
DDR2 SDRAM SO-DIMM SCREW LOCKS FEMALE SETS SCREW LOCKS MALE 128M X 64 DDR DRAM MODULE, 0.5 ns, ZMA200
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
2750578 |
INTERBUS-ST analog output module, D/A resolution 13-bit, 4 outputs, 4 to 20 mA, 0 to 10 V, consisting of: Terminal part with screw connection and module electronics
|
PHOENIX CONTACT
|
Z86L8108PSC Z86L8908PSC Z86L8708FSC |
CONN JACKSOCKET M2.5/M2 13.5MM SCREW MOUNT KIT .62 X .35 Jack Screw; Screw Length:18mm; Leaded Process Compatible:No; Material:Stainless Steel; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PQFP44
|
ZiLOG, Inc.
|
0164-H-ABC0-D-E 0164 |
IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
|
Schurter Inc.
|
8843.FL |
IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
0163 |
IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
6049-H-ABC0-D-E |
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
|
Schurter Inc.
|