PART |
Description |
Maker |
ISO4-20MA |
3KVDC Isolation High Accuracy
|
Shenzhen Sunyuan
|
2SC4482 |
Ouputs from a Single Supply; 2:1 Wide Range Voltage Input; 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protection; Low profile High-Current Switching Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
BD371A BD371B BD371C BD370A BD370B BFR20 BFR22 BCW |
Medium Power Amplifiers and Switches 中功率放大器和开 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
Electronic Theatre Controls, Inc. ETC[ETC] Central Semiconductor Corp List of Unclassifed Manufacturers http://
|
BC328 BC327 BC327-16 BC328-16 BC327-25 BC327-40 Q6 |
Si-Epitaxial PlanarTransistors From old datasheet system ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage) 自动对焦进步党硅晶体管(高电流增益高集电极电流低集电极发射极饱和电压
|
SIEMENS A G Diotec Elektronische Infineon Diotec Semiconductor SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
REC15-XX12SZ/H/M REC15-XX3.4S/H/M REC15-XX3.4SZ/H/ |
The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1 package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications. The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1?package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
|
Recom International Power Recom International Pow...
|
MBD101 MMBD101 MMBD101LT1 |
SILICON SCHOTTKY BARRIER DIODES ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
ONSEMI[ON Semiconductor]
|
BDW93B BDW93 BDW93A BDW93C |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% NPN SILICON POWER DARLINGTONS
|
Power Innovations International, Inc. POINN[Power Innovations Limited] Power Innovations Ltd
|
ACT4433-DI ACT4433 ACT4433-D ACT4433-DF ACT4433-DF |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
|
Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
2N4232A 2N6313 2N6314 2M4233A 2M6312 2N4231A 2N423 |
POWER TRANSISTORS(5A,75W) POWER TRANSISTORS(5A/75W) POWER TRANSISTORS(5A /75W) POWER TRANSISTORS(5A75W) POWER TRANSISTORS: GENERAL PURPOSE AMPLIFIER AND LOW-FREQUENCY SWITCHING APPLICATION
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
BFG505W BFG505W_X BFG505W/X |
ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN 9 GHz wideband transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|