PART |
Description |
Maker |
4922-21L 4922R-19L 4922-391L 4922-331L 4922R-27L 4 |
Surface Mount High Current Power Inductors INDUCTOR 33UH POWER SMD 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 0.39UH POWER SMD 1 ELEMENT, 0.39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 0.33UH POWER SMD 1 ELEMENT, 0.33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 150UH POWER SMD 1 ELEMENT, 150 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 1000UH POWER SMD 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Toroidal Surface Mount Inductors 1 ELEMENT, 220 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 1.2UH POWER SMD 1 ELEMENT, 1.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 0.22UH POWER SMD 1 ELEMENT, 0.22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 1200UH POWER SMD 1 ELEMENT, 1200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 5600UH POWER SMD 1 ELEMENT, 2.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 10000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 10 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 12000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
API Delevan Molex, Inc.
|
SDR0503-390KL SDR0503-821KL SDR0503-122JL SDR0503- |
MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 1200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 5600 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0503; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:20; Self Resonant Frequency:14MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:750mA; Mounting Type:Surface Mount Power Inductor; Inductor Type:Power; Inductance:3.3mH; Inductance Tolerance: 5 %; Current Rating:0.062A; Series:SDR0503; Core Material:Ferrite DR; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Q Factor:40 RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
LS73-270-RM LS73-121-RM LS73-390-RM LS73-330-RM LS |
Surface Mount Power Inductors 1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors
|
http:// ICE Components, Inc. ICE COMPONENTS INC ice Components, Ins.
|
EPIG3229 |
Surface Mount Power Inductor
|
PCA ELECTRONICS
|
30850BC 30151BC 30000B 3000B |
Surface Mount Power Inductor
|
Murata Manufacturing Co., Ltd.
|
EPI5L3192F2222 EPI820461F2222 EPI3L0242F2222 EPI15 |
Surface Mount Power Inductor
|
PCA ELECTRONICS INC.
|
LS127-390-RM LS127-4R7-RM LS127-470-RM LS127-560-R |
4.5mV Micropower Rail-to-Rail CMOS Operational Amplifier, 8L PDIP 1 ELEMENT, 3.5 uH, GENERAL PURPOSE INDUCTOR, SMD 2.0mV Micropower Rail-to-Rail CMOS Operational Amplifier, 8L CDIP 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 7.6 uH, GENERAL PURPOSE INDUCTOR, SMD 4.5mV Micropower Rail-to-Rail CMOS Operational Amplifier, 8L SOIC 1 ELEMENT, 6.1 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR, SMD Single Precision High Speed Micropower CMOS Timer, 8L PDIP 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR, SMD Dual N-Channel EPAD Matched Pair MOSFET Array, Vgs= -3.5 V, Depletion Mode, 8L PDIP, EPAD Enabled 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD
|
http:// ICE Components, Inc. ICE COMPONENTS INC
|
PM2110-1R0M-RC PM2110-220K-RC PM2110-6R8M-RC |
High I, Toroid Inductor 1 ELEMENT, 1 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD Toroidal Inductor; Series:PM2110; Inductance:22uH; Inductance Tolerance: /- 10 %; Terminal Type:PCB Surface Mount; Current Rating:9.7A; External Height:0.60"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2110; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:13.1A; External Height:0.59"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
|
Bourns, Inc. BOURNS INC
|
LS5D28-100-RN LS5D28-270-RN LS5D28-390-RN LS5D28-5 |
Surface Mount Power Inductors 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 5.3 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR, SMD
|
http:// ICE Components, Inc.
|
EPZ3033-822 EPI0L3552KSP45L EPI0L3702KSP56 EPI0L45 |
Contents Surface Mount Power Inductor
|
PCA[PCA ELECTRONICS INC.]
|
|