PART |
Description |
Maker |
SSC2129 |
CMOS Low Dropout Voltage Regulat or
|
SeCoS Halbleitertechnologie GmbH
|
SSC2128 |
CMOS Low Dropout Voltage Regulat or
|
SeCoS Halbleitertechnologie GmbH
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
LT3972EDD-PBF LT3972IDD-PBF LT3972EMSE-PBF LT3972E |
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current, MSOP-10 6.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75μA Quiescent Current
|
Linear Technology, Corp.
|
LT1959 LT1959C LT1959CR LT1959CS8 LT1959I LT1959IR |
4.5A/ 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Downn Switching Regulator From old datasheet system
|
LINER[Linear Technology]
|
LTC1628IUH LTC1628IUHPBF LTC1628IG-PGTR |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PQCC32
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
BD9120HFN BD9106FVM BD9106FVM09 BD9107FVM BD9109FV |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 5 X 6 MM, ROHS COMPLIANT, SON-8 High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
|
Rohm
|
LT3493EDCB LT3493EDCB-PBF LT3493EDCB-TR LT3493EDCB |
1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN 1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 2.2 A SWITCHING REGULATOR, 815 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|