PART |
Description |
Maker |
FVST FVST-006 FVST-008 FVST-016 FVST-025 FVST-036 |
3-Phase for Frequency Converters without Neutral (6-110A) Three Phase Double Stage
|
PREMO CORPORATION S.L
|
1022777 1022778 1022779 1022780 |
Semi-double Stage Isolator
|
Finisar Corporation.
|
FVRB FVRB-035B FVRB-050B FVRB-080B FVRB-300P FVRB- |
Three phase one stage filter for regenerative converters
|
PREMO CORPORATION S.L http://
|
FMBD FMBD-B92A-1612 FMBD-B92A-2512 FMBD-B92B-3612 |
2-stage filter for 3-phase systems with neutral conductor
|
Schurter Inc.
|
STEVAL-IEM003V1 |
Low voltage 3-phase power stage for electric traction with MC connector
|
STMicroelectronics
|
MC54-74HC390 MC54HC390J MC74HC390D MC74HC390N MC54 |
Dual 4-Stage Binary Ripple Counter with ±2 and ±5 Sections HC/UH SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP16 Dual 4-Stage Binary Ripple Counter with ±2and ±5 Sections Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections Dual 4-Stage Binary Ripple Counter with 2and 5 Sections DUAL 4-STAGE BLNARY RIPPLE COUNTER WITH *2 AND * 5 SECTIONS From old datasheet system Dual 4-Stage Binary Ripple Counter with and Sections Dual 4-Stage Binary Ripple Counter with 2 and 5 Sections High-Performance Silicon-Gate CMOS Dual 4-Stage Binary Ripple Counter with and Sections
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
5500.2070 5500.2071 |
Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 16A; Leakage Current Rating: 0.5 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER AC Filter 2-Stage, Broad Band Attenuation
|
SCHURTER AG Schurter Inc.
|
NTE2087 |
Integrated Circuit 4-Stage Darlington Array w/Pre-Drive Stage for TTL
|
NTE[NTE Electronics]
|
PI74ST1G86CX PI74ST1G86 PI74ST1G86TX |
High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-SOIC -55 to 125 SOTiny Gate ST 2-Input Exclusive OR
|
Pericom Semiconductor Corp. PERICOM[Pericom Semiconductor Corporation]
|
5500.2360 FMABCEE |
1-stage filter with 1-phase CEE connector
|
Schurter Inc.
|
PIIPM50P12B004 PIIPM50P12B004X |
Programmable isolated intelligent power module, a 50A, 1200V, three-phase inverter for 15kW industrial and servo motors with on-board programmable DSP, current sensing, isolation, gate drivers and power stage.
|
International Rectifier
|
NX3DV42GM NX3DV42GU |
Dual high-speed USB 2.0 double-pole double-throw analog
|
NXP Semiconductors
|