PART |
Description |
Maker |
SP-GB-EZX-RNA |
FIBER OPTIC TRANSCEIVER, 1500-1580nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20
|
Newhaven Display International, Inc.
|
B-13-155-T-SST3G5 B-13-155-T3-SST3G5 B-13-155C-T-S |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR 155 Mbps Bi-directional Receptacle Single Fiber Transceiver
|
Source Photonics, Inc.
|
C-141-1250-TDFB-SSC2 C-141-1250C-TDFB-SSC2 C-159-1 |
1.25 Gbps CWDM Single Mode Transceiver(5V) FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
B-15-13-155-T-SFC7-G5 B-15-13-155-T3-SFC7-G5 B-15- |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR 155 Mbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR
|
http:// Source Photonics, Inc.
|
B-13-14-1250-T-SSC-G5 B-13-14-1250-T-SSCA-G5 B-13- |
1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
B-15-155-TPM3-S B-13-155-TPM3-S B-13-155-TPM3-SMU3 |
155 Mbps Bi-directional Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR
|
Source Photonics, Inc. HIROSE ELECTRIC Co., Ltd.
|
HFBR-53D5EM HFBR53D5EM HFBR53D5FM HFCT53D5EM HFCT5 |
FIBER OPTIC TRANSCEIVER 光纤收发 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
|
Avago Technologies, Ltd. Hewlett-Packard / Agilent
|
HFBR-53A3VFM HFBR-53A3VEM |
HFBR-53A3VFM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield, Metalized Housing HFBR-53A3VEM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield, Metalized Housing 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
|
Agilent (Hewlett-Packard)
|
V23809-E1-E16 V23809-E1-E17 |
FIBER OPTIC TRANSCEIVER 光纤收发 MM 1300 nm ESCON Serial Transceiver
|
Infineon
|
OTOLS-BI53SC-40 OTOLS-BI53SC-20 OTOLS-BI35SC-40 OT |
FIBER OPTIC TRANSCEIVER, 1530-1570nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1270-1350nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, SC CONNECTOR
|
Olson Technology, Inc.
|
V23826-C18-C366-D3 V23826-C18-C63-D3 |
FIBER OPTIC TRANSCEIVER
|
INFINEON TECHNOLOGIES AG
|
|