PART |
Description |
Maker |
VSC7398 |
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier 155 Mbps.25 Gbps的激光驱动器和后置放大器
|
Vitesse Semiconductor, Corp.
|
TRS-33120AG |
3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver 3.3 / 1550海里/ 155 Mbps的符RoHS光单模收发器
|
Optoway Technology, Inc.
|
TRS-32120G |
5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver 5V 1550海里/ 155 Mbps的符合RoHS光单模收发器
|
Optoway Technology, Inc.
|
C-13-155-F-SLC9S-G5 C-13-155C-F-SLC9S-G5 C-13-155- |
155 Mbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1261-1360nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR 155 Mbps Single Mode SFF LC Transceiver
|
Source Photonics, Inc.
|
VSC7967 |
PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
|
Vitesse Semiconductor C...
|
C-13-155-T-SSC3 C-13-155-T-SSC3-G5 C-13-155-T-SSC3 |
155 Mbps Single Mode Transceiver
|
Source Photonics, Inc.
|
NU-33B54B-P-A NU-33B54B-R-A |
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
|
Optoway Technology Inc.
|
SPS-3380W-CXX0G SPS-3380BW-CXX0G PS-3380W-CXX0G |
3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
SPS-33200-CXX0G |
3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
SPS-33100-CXX0G SPS-33100B-CXX0G |
3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
SPS-33200G08 |
3.3V / 1550 nm / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|