PART |
Description |
Maker |
AT89S825309 |
8-bit Microcontroller with 12K Bytes Flash
|
ATMEL Corporation
|
AT89S8253-24SC AT89S8253-24PI |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDIP40
|
Atmel Corp. Atmel, Corp.
|
AT89S8253 AT89S8253-24PSC AT89S8253-24PSI AT89S825 |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
|
ATMEL Corporation
|
AT89S8253-24PC AT89S8253-24PI AT89S8253-24SC |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
|
ATMEL Corporation
|
MB89W857CF-ES-BND MB89P857P-SH MB89W857C-SH MB8985 |
8-bit Proprietary Microcontroller 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CDIP64 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PDIP64 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
ST7FLITE-SK/RAIS ST7PLITE02F0U6TR ST7PLITES5Y0M6 S |
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 8-BIT, MROM, 16 MHz, MICROCONTROLLER, QCC20 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO16 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP16
|
STMicroelectronics
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
MB89P657APFV-102 MB89P657APFV-105 MB89P657APFV-101 |
Quadruple Bus Buffer Gates With 3- State Outputs 14-CDIP -55 to 125 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP100 LJT 79C 79#22D PIN REAR WALL 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
SAB-C509-LM SAF-C509-L SAFC509-L SAF-C509-LM Q6712 |
8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 16 MHz, MICROCONTROLLER, PQFP100 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 DBMM25SN
|
Infineon Technologies A... SIEMENS AG Infineon Technologies AG
|
ATMEGA48 ATMEGA88V TSC80C31-25ABD TSC80C31-16MGDP8 |
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash 8-BIT, 25 MHz, MICROCONTROLLER, PQCC44 8-BIT, 16 MHz, MICROCONTROLLER, CDIP40 8-BIT, 30 MHz, MICROCONTROLLER, UUC40 8-BIT, MROM, 30 MHz, MICROCONTROLLER, PQFP44 8-BIT, 16 MHz, MICROCONTROLLER, UUC40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC28 High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture 8-bit Microcontroller with 8K Bytes In-System Programmable Flash High endurance non-volatile memory segments High performance, low power Atme 8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
|
ATMEL Corporation TEMIC SEMICONDUCTORS
|
IC42S16102-6T IC42S16102-7T IC42S16102-7TI |
512K x 16 Bit x 2 Banks (16-MBIT) SDRAM 12k × 16位2银行6兆)内存
|
Rohm Co., Ltd. Advanced Interconnections, Corp.
|