PART |
Description |
Maker |
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|
1N828-1-1 1N822-2 1N829ATR 1N829ATR-1 1N829ATR-1-1 |
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AA 0TC Reference Voltage Zener 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MPXM2053GST1 MPXM2053GS MPXM2053 MPXM2053D MPXM205 |
Compensated Pressure Sensor 50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
Freescale (Motorola) Freescale Semiconductor, Inc ETC[ETC] 飞思卡尔半导体(中国)有限公司
|
1N945B-1 1N943B-1 1N943A 1N943 1N942B-1 1N942A 1N9 |
Temperature Compensated Zener Reference Diodes(娓╁害琛ュ?榻?撼?哄?浜??绠? Temperature Compensated Zener Reference Diodes(温度补偿齐纳基准二极 11.12-12.28 zener diode 11.7 VOLT NOMINAL ZENER VOLTAGE
|
Compensated Deuices Inc... Microsemi Corporation CDI-DIODE[Compensated Deuices Incorporated] N.A. Compensated Devices Incorporated
|
CFPT-5300 |
The CFPT-5300 series of temperature compensated crystal oscillators The CFPT-5300 series of temperature compensated crystal oscillators From old datasheet system
|
SEMTECH[Semtech Corporation]
|
MPXM2202 |
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors From old datasheet system 200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
|
Motorola
|
6755 6756 |
TEMPERATURE COMPENSATED
|
Vectron International, Inc
|
MPXV4006G |
MPXV4006G Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated From old datasheet system Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated
|
Motorola
|
C2269 |
Temperature Compensated Crystal Oscillators
|
Vectron
|
TX-400 |
Temperature Compensated Crystal Oscillator
|
Vectron International
|