PART |
Description |
Maker |
TRF7565ALLT TRF2716AMLB TRF7765ALLB TRF5736AALT TR |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 770-860nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1530-1580nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1270-1355nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1263-1360nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1500-1580nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1266-1360nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
OPNEXT INC
|
B-13-1250-TDPM3-SST-60 B-13-1250C-TDPM3-SST-60 B-1 |
FIBER OPTIC TRANSCEIVER, 1500-1600nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR 1.25 Gbps Bi-directional Single Fiber Transceiver
|
HIROSE ELECTRIC Co., Ltd. Source Photonics, Inc.
|
FWLF1634RL32 FWLF1634RL33 FWLF1634RL26 |
FIBER OPTIC TRANSCEIVER, 1527-1577nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR FIBER OPTIC TRANSCEIVER, 1526-1576nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR FIBER OPTIC TRANSCEIVER, 1532-1582nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR
|
|
B-13-155-TPM-S B-15-155-TPM-S B-13/15-155-TPM-SMU3 |
155 Mbps Bi-directional Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1261-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR
|
Source Photonics, Inc.
|
B-13-622-TDPM3-SST-60 B-15-622-TDPM3-SST-60 B-13-6 |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR 622 Mbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
HFBR-53A3VEM HFBR-53A3VFM |
3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield. Metalized Housing 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield. Metalized Housing
|
http://
|
V23809-E1-E16 V23809-E1-E17 |
FIBER OPTIC TRANSCEIVER 光纤收发 MM 1300 nm ESCON Serial Transceiver
|
Infineon
|
OD-BP1511-23LL4 OD-BP1511-25LL4 OD-BP1511-23ML4 OD |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 156Mbps(Tx), 156Mbps(Rx), LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1480-1580nm, 156Mbps(Tx), 156Mbps(Rx), LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1260-1360nm, 156Mbps(Tx), 156Mbps(Rx), SC CONNECTOR ROHS COMPLIANT PACKAGE
|
HIROSE ELECTRIC Co., Ltd.
|
HFBR-5805 |
FIBER OPTIC TRANSCEIVER
|
Agilent
|
FTR1300P |
FIBER OPTIC TRANSCEIVER
|
|
|