PART |
Description |
Maker |
25AA080-I_P 25AA08004 25AA080-I_SN 25LC080-I_SN 25 |
The 25LC080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25AA080 is a 8K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... 8K SPI TM Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
SLE4428C SLE4428M2.2 SLE4418M2.2 SLE4418 SLE4418C |
16MM PB 65168-010 1K X 8 3-WIRE SERIAL EEPROM, UUC8 ICs for Chip Cards 1K X 8 3-WIRE SERIAL EEPROM, UUC8 Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能8K1024 x 8 EEPROM) 智能8千位024 × 8位)具有写保护功能的EEPROM(智能化8K的位024 × 8位)的EEPROM Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能K1024 x 8 EEPROM(带些保护功能)) Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能K1024 x 8 EEPROM) ICs for Chip Cards / Intelligent 8-Kbit EEPROM SERIAL EEPROM,1KX8,MOS,WAFER,PLASTIC SERIAL EEPROM,1KX8,MOS,MODULE,8PIN,PLASTIC From old datasheet system
|
SIEMENS AG Infineon Technologies AG SIEMENS[Siemens Semiconductor Group]
|
ADE7754 ADE7754AR ADE7754ARRL EVAL-ADE7754EB |
ADE7754 Poly-phase Multi-Function Energy Metering IC with Serial Port
|
AD[Analog Devices]
|
CYRF89135 CYRF89135-68LTXC |
8-bit flash based MCU function and 2.4-GHz WirelessUSB NL radio transceiver function in a single device
|
Cypress Semiconductor
|
BR25S128F-WE2 BR25S-E BR25S640F-WE2 |
High Reliability Series Serial EEPROMs High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal. High Reliability Series Serial EEPROMs High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
|
Rohm
|
TMP47E885AF |
High Speed,Advanced,Single-chip,4-Bit Microcomputer with a Built-in 64x8 bit EEPROM,Enhanced Timer/Counter Function, an 8-bit Asynchronous Serial Interface(高先进内置64 x 8位EEPROM,增强的定时器/计数器功4位单片微控制
|
Toshiba Corporation
|
PQ150VB02FZ PQ150VB01FZ |
Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
|
SHARP[Sharp Electrionic Components]
|
HN58V66AFP-10 HN58V65AFP-10 HN58V65AP-10 HN58V65AT |
64 k EEPROM (8-kword x 8-bit) Ready/Busy function/ RES function (HN58V66A) 64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) 64亩的EEPROM KWord的8位)就绪/忙功能水库功能(HN58V66A
|
Hitachi,Ltd. Hitachi Semiconductor
|
SLE4440 SLE4441M3 SLE4432C SLE4440M3 |
Intelligent 64-byte EEPROM With Write Protect Function and PSC(带写保护和程序安全代码智能化64字节EEPROM) 128 X 8 EEPROM 5V, XMA8 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 64 X 8 EEPROM 5V, XMA8
|
SIEMENS AG INFINEON TECHNOLOGIES AG
|