PART |
Description |
Maker |
1N3880 12FL40S02 12FL40S05 12FL40S10 1N3883 1N3890 |
6A, 12A AND 16A FAST RECOVERY RECTIFIERS A2A6A条快速整流二极管 6A, 12A AND 16A FAST RECOVERY RECTIFIERS 6A2A6A条快速整流二极管 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes MKDS 3/ 2-B-5,08 BU (1N3879 - 1N3889) 6A / 12A AND 16A FAST RECOVERY RECTIFIERS 5A,12A and16A Fast Recovery RECTIFIE 6A 12A AND 16A FAST RECOVERY RECTIFIERS 100V Fast Recovery Diode in a DO-203AA (DO-4) package 200V Fast Recovery Diode in a DO-203AA (DO-4) package 400V Fast Recovery Diode in a DO-203AA (DO-4) package 600V Fast Recovery Diode in a DO-203AA (DO-4) package 800V Fast Recovery Diode in a DO-203AA (DO-4) package 1000V Fast Recovery Diode in a DO-203AA (DO-4) package 6A, 12A AND 16A FAST RECOVERY RECTIFIERS
|
International Rectifier, Corp. IRF[International Rectifier] Microsemi Corporation
|
RGP10A RGP10B RGP10D RGP10G RGP10J RGP10K RGP10M |
Fast Recovery Pack: DO-41 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
TVR06J |
Fast Recovery Pack: DO-41 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 0.6A
|
Gulf Semiconductor
|
RGP20A RGP20B RGP20D RGP20G RGP20J RGP20K RGP20M |
Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
|
Gulf Semiconductor
|
BYV36CGP BYV36EGP BYV36DGP BYV36AGP |
Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE?00 - 1000V CURRENT: 1.5A
|
Gulf Semiconductor
|
FMG-06J |
Super Fast Recovery Pack: ITO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 6.0A
|
Gulf Semiconductor
|
BYV95CGP BYV95AGP BYV95BGP |
Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 600V CURRENT: 1.5A
|
Gulf Semiconductor
|
RGP30A RGP30B RGP30D RGP30G RGP30J RGP30K RGP30M |
Fast Recovery Pack: DO-201AD SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
|
Gulf Semiconductor
|
BYT42JGP BYT42MGP BYT42KGP BYT42DGP BYT42AGP |
Ultra Fast Recovery Pack: DO-41 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.25A
|
Gulf Semiconductor
|
BYW96D BYW96E |
Fast Recovery Pack: SOD-64 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800 TO 1000V CURRENT: 3.0A
|
Gulf Semiconductor http://
|
RP1H |
Ultra Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 2000V CURRENT: 0.25A
|
Gulf Semiconductor
|