PART |
Description |
Maker |
C-141-1250AC-FDFB-SLC2 C-141-1250AC-FDFB-SLC2-G5 C |
1.25 Gbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
SPC-03-LR-49TNA SPC-03-LR-53TDA SPC-03-LR-55TDA SP |
FIBER OPTIC TRANSCEIVER, 1485-1498nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1505-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1545-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1465-1478nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1565-1578nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1585-1598nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE
|
SPC Technology
|
SP-48-LR2-RNA SP-48-LR2-CDA SP-48-LR2-CNA SP-48-LR |
FIBER OPTIC TRANSCEIVER, 1500-1580nm, 2488.32Mbps(Tx), 2488.32Mbps(Rx), PANEL MOUNT OC-48 LR-1/STM16 L-16.2 SFP Transceiver
|
Source Photonics, Inc.
|
HFBR-53D5EM HFCT-53D5EM HFCT-53D5FM HFBR-53D5FM HF |
HFCT-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFCT-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFBR-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Flush Shield, Metalized Housing HFBR-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Extended Shield, Metalized Housing HFBR-53D5 · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, No Shield, Plastic Housing HFBR-0535 · Evaluation Kit for 1x9 fiber optic modules at 1.25 GBd 1 x 9 Fiber Optic Transceiver for Gigabit Ethernet
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Agilent / Hewlett-Packard
|
C-159-2500-FDFB-SLC2 C-159-2500-FDFB-SLC4 C-159-25 |
2.5 Gbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1585-1598nm, 2488Mbps(Tx), 2488Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1365-1378nm, 2488Mbps(Tx), 2488Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
B-13-1250-TPM3-SSC-60 B-15-1250-TPM3-SSC-60 B-13-1 |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR 1.25 Gbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
B-13-15-622-TPM-SSC4-60 B-13-15-622-TPM3-SSC4-60 B |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR 622 Mbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
B-15-155-TPM3-S B-13-155-TPM3-S B-13-155-TPM3-SMU3 |
155 Mbps Bi-directional Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR
|
Source Photonics, Inc. HIROSE ELECTRIC Co., Ltd.
|
HFBR-53D5EM HFBR53D5EM HFBR53D5FM HFCT53D5EM HFCT5 |
FIBER OPTIC TRANSCEIVER 光纤收发 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
|
Avago Technologies, Ltd. Hewlett-Packard / Agilent
|
SCP6EL2-GL-YN-41 SCP69L2-GL-YM-27 SCP69L2-GL-BN-61 |
FIBER OPTIC TRANSCEIVER, 1405-1418nm, 622.08Mbps(Tx), 622.08Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 622.08Mbps(Tx), 622.08Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1605-1618nm, 622.08Mbps(Tx), 622.08Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
Omron Electronics, LLC Mini-Circuits
|
OL5351L-3-A10-ATFC OL5350L-3-A10-ATLC OL5350L-3-A1 |
FIBER OPTIC DFB LASER MODULE EMITTER, 1500-1520nm, THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC DFB LASER MODULE EMITTER, 1500-1520nm, THROUGH HOLE MOUNT, LC CONNECTOR FIBER OPTIC DFB LASER MODULE EMITTER, 1500-1520nm, THROUGH HOLE MOUNT, MUJ CONNECTOR
|
LAPIS SEMICONDUCTOR CO LTD
|
PH1-7LPFA4362 PH1-7LPFC4362 PH1-FLPFC4362 PH1-MLPF |
FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, LC/SPC CONNECTOR
|
JDS Uniphase, Corp. JDS UNIPHASE CORP
|
|