PART |
Description |
Maker |
SML-LXL1209SYC-TR |
T-3/4 SINGLE COLOR LED, SUPER YELLOW, 1.8 mm PLASTIC, SMT, 2 PIN 3.2mm x 2.4mm SURFACE MOUNT LED
|
Lumex, Inc. LUMEX INC.
|
AA2734ESGC |
2.7 x 3.4mm surface mount led lamp. High efficiency red (peak wavelength 627 nm). Super bright green (peak wavelength 565 nm). Lens type water clear. 2.7x3.4mm SURFACE MOUNT LED LAMP 2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output, 8-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright Corporation.
|
87381-1274 87381-2274 87381-4063 87381-3463 87381- |
2mm Mgrid Rec Top/E W/OCvr .38AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/OCvr .38AuLF 22Ckt 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/Cvr .76AuLF 450Ckt 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm MGrid Rec Top/E W/Cvr .76AuLF 34Ckt 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/OCvr .38AuLF 34Ckt 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/OCvr .38AuLF 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/Cvr .38AuLF 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/OCvr .38AuLF 28Ckt 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/OCvr .38AuLF 44Ckt 44 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/OCvr .76AuLF 16Ckt 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/Cvr .76AuLF 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/Cvr .38AuLF 18Ckt 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 2mm Mgrid Rec Top/E W/Cvr .38AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
SMM-114-02-S-S SMM-140-02-S-S SMM-117-02-S-D |
2mm SOCKET STRIPS 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT 2MM 40POS SGL GOLD SMD 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2mm SOCKET STRIPS 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
5100159-1 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); 2MM HDR, 55 POS EXTN MOD ( AMP )
|
Tyco Electronics
|
72917 72917-2 |
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter Banana adapter; Color:Black; Features:4mm banana plug to 2mm sheathed banana jack , black INTERCONNECTION DEVICE
|
Pomona Electronics
|
G43BB105M G43SAB101M G43AB101M G43EB100M G43BFB101 |
4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
|
TOCOSAMERICA, INC.
|
44WR100KLF |
4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
|
Bi technologies
|
44WR500T13 |
Model 44 Series / 4mm Square Multi-Turn Surface Mount
|
BI Technologies
|
SSF-H2247YGD |
2mm X 4mm RECTANGULAR DUAL TOWER
|
LUMEX INC.
|
SML-LX1210IYC-TR |
2.7mm x 3.2mm P.C.B. SURFACE MOUNT LED
|
LUMEX INC.
|
|