PART |
Description |
Maker |
SG120 SG120A-8T_883B SG120-12IG SG120-12IG_883B SG |
Negative Fixed Linear Voltage Regulators BOX 4.94X2.75X1.275 AA W/CLP ALMOND NEGATIVE FIXED VOLTAGE REGULATOR 8 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 20 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MSFM3 HIGH SURGE CARBON COMP REPLACEMENT RESISTOR , 1K, 5% 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBCY3
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
LM120AG-12 IP7912K-883B IP7912AIG-DESC IP7915AIG-D |
Negative Fixed Voltage Regulator 1.5 AMP NEGATIVE VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, CBCC3 Voltage Regulator 电压调节 1.5 AMP NEGATIVE VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, CDIP8 A-30069-10A2 No Drain 10Ckt Gold Voltage Regulator - Isolated
|
Infineon Technologies AG Xicon Passive Components TT electronics Semelab, Ltd.
|
NJM7900 NJM7900FA NJM7905FA NJM7918FA NJM7912FA NJ |
3-Terminal Negative Voltage Regulator(-8V锛?绔???靛?绋冲??? 3-TERMINAL NEGAYIVE VOLTAGE REGULATOR 3-Terminal Negative Voltage Regulator(-5V端负电压稳压 RING/HI-TEMP KRIMPTITE (C-U-128-10) Negative Fixed Voltage Regulator 负固定电压稳压器 3-Terminal Negative Voltage Regulator(-12V锛?绔???靛?绋冲???
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
SG120-XXT_883B SG120-XXR_883B SG120-XXK_883B SG120 |
Negative Fixed Linear Voltage Regulators; Package: TO-99; VDIFF (V): 35; IOUT (A): 1.5; 5 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR
|
Microsemi, Corp. Microsemi Corporation
|
LT1033 LT1033C LT1033CK LT1033M LT1033MK |
Dual J-K Positive-Edge-Triggered Flip-Flops With Clear and Preset 16-SO 0 to 70 3A. Negative Adjustable Regulator 3A, Negative Adjustable Regulator From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
NTE1927 |
Automotive Catalog Dual Operational Amplifier 8-TSSOP -40 to 125 2.2 V-30 V ADJUSTABLE NEGATIVE REGULATOR, MBFM4 Integrated Circuit 4-Terminal Negative Adjustable Voltage Regulator
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
MC79M12BDTG MC79M12BTG MC79M12BDTRKG |
500 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PSSO2 500 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, SFM3
|
ON Semiconductor
|
SVR1033P |
SVR1033N NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR 1.2 V-32 V ADJUSTABLE NEGATIVE REGULATOR, MSFM3
|
Electronic Theatre Controls, Inc.
|
KA79M06 KA79M12 KA79M12R KA79M08R KA79M08 KA79M15 |
Fixed Negative Voltage Regulator From old datasheet system 3-Terminal 0.5A Negative Voltage Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|