PART |
Description |
Maker |
SD530YS SD550YS SD580YS SD5100YS SD520YS SD540YS S |
(SD520YS - SD5100YS) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere) 表面贴装肖特基(电压20100伏特,电 5安培
|
PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
SB16-100A-SMD SB16-100R-SMD SB16-100SMD SB16-100M- |
DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阴极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阳极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,串行连接)) DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HIREL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS 16 A, 100 V, SILICON, RECTIFIER DIODE
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd.
|
SDMG0340LA SDMG0340LA-7 SDMG0340L SDMG0340L-7 SDMG |
SURFACE MOUNT SCHOTTKY BARRIER DIODE DIR-COUPLER 18.5DB 1805-1880MHZ THIN-FILM SMD-0402 LGA-SN90/PB10 T&R SURFACE MOUNT SCHOTTKY BARRIER DIODE 0.03 A, 40 V, SILICON, SIGNAL DIODE
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
SD530S-T3 SD550S-T3 SD580S-T3 SD560S-T3 SD5100S-T3 |
CABLE ASSEMBLY; SMA MALE TO N FEMALE BULKHEAD; 18 GHz CABLE (SD520S - SD5100S) 5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
SCD14 SCD16 SCD12 SCD13 SCD15 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
ZOWIE[Zowie Technology Corporation]
|
SS33A SS36A SS32A SS38A SS35A SS34A SS310 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Low reverse leakage
|
Chendahang Electronics Co., Ltd Chendahang Electronics Co.,... Chendahang Electronics ...
|
S110-T3 S110-T1 SK14-T1 SK19-T3 SK12 SK12-T1 SK12- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 安培表面贴装肖特基整 128 x 128 pixel format, LED or EL Backlight available 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
SD101AW SD101BW SD101CW |
SCHOTTKY BARRIER SWITCHING DIODE (SD101AW - SD101CW) SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
DIODES[Diodes Incorporated]
|
SM2150HT-15 SM2200HT |
2.0 Amp Surface Mount Schottky Barrier Rectifiers Voltage 150~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnol...
|
MBRS320T3 MBRS330 MBRS360 MBRS360T3 MBRS330T3 MBRS |
SCHOTTKY BARRIER RECTIFIERS 肖特 Surface Mount Schottky Power Rectifier
|
http:// ONSEMI[ON Semiconductor]
|
SFPB-76 SFPB-56 SFPB-59 SFPB-66 SFPB-69 |
Schottky Barrier Diodes (Surface Mount) 60V, 90V 2 A, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Surface Mount) 60V, 90V 1.5 A, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Surface Mount) 60V, 90V 0.7 A, SILICON, SIGNAL DIODE Schottky Barrier Diodes (Surface Mount) 60V / 90V
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
SB345-A |
Schottky Pack: SMA SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
|
Gulf Semiconductor
|