PART |
Description |
Maker |
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
BWR-12/335-D5A BWR-5/700-D5A BWR-5/700-D48A BWR-15 |
12V 7-10W, dual output DC/DC converter DC-DC Converter, (4.7 to 7.25) V to (-12|12) V Rad-hard 4 to 16 line decoder/latch Rad-hard 3 to 8 line decoder latch Rad-hard octal bus buffer with 3 state outputs (non inverted) 型DC - DC电压转换 Rad-hard 8-input NAND gate 型DC - DC电压转换 Rad-hard octal bus buffer with 3 state outputs (inverted) 型DC - DC电压转换
|
Datel, Inc. Air Cost Control RECOM Electronic GmbH Electronic Theatre Controls, Inc.
|
HCS163D HCS163DMSR HCS163HMSR HCS163K HCS163KMSR H |
Counter, Synchronous, Presettable, Look Ahead Carry, Rad-Hard, High-Speed, CMOS, Logic Radiation Hardened Synchronous Presettable Counter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
CD4023BMS CD4012BMS CD4011BMS FN3079 CD4023B CD401 |
From old datasheet system CMOS NAND Gates NAND, 3-Input, Triple, Rad-Hard, CMOS, Logic NAND, 2-Input, Quad, Rad-Hard, CMOS, Logic NAND, 4-Input, Dual, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
IRHF7310SE |
N-Channel Single Event Effect (SEE) Rad Hard HEXFET Transistor(N 沟道 单事件效Rad Hard HEXFET技术晶体管)
|
International Rectifier
|
RHFL7913A11 RHFL7913KPA-02V |
Rad-Hard 2.0A adjustable negative Vreg Rad-hard adjustable negative voltage regulator
|
ST Microelectronics STMicroelectronics
|
FSL913A0D FSL913A0D1 FSL913A0D3 FSL913A0R FSL913A0 |
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF 7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7A 100V的,0.300欧姆,拉德硬,SEGR性,P通道功率MOSFET 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IRHSLNA58064 IRHSLNA53064 IRHSLNA54064 IRHSLNA5706 |
60V Hi-Rel Synchronous Rectifier N-Channel MOSFET in a SMD-2 package RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT (SMD-2) TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 75A I(D) | SMT 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 75A条(丁)|贴片
|
IRF[International Rectifier] International Rectifier, Corp.
|
FRM9130R FN3262 M9130 FRM9130D FRM9130H |
6A / -100V / 0.550 Ohm / Rad Hard / P-Channel Power MOSFETs From old datasheet system 6A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs 6A/ -100V/ 0.550 Ohm/ Rad Hard/ P-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
FSL9130R FN4083 FSL9130R4 FSL9130D FSL9130D1 FSL91 |
5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 5 A, 100 V, 0.68 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF CAP 1000UF 200V ELECT TS-HB 5 A, 100 V, 0.68 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF From old datasheet system 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
JANSR2N7411 FN4493 |
2.5A/ -100V/ 1.30 Ohm/ Rad Hard/ P-Channel Power MOSFET 2.5A, -100V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFET From old datasheet system
|
INTERSIL[Intersil Corporation]
|
FRL430H FRL430R FRL430D FN3234 |
2A/ 500V/ 2.50 Ohm/ Rad Hard/ N-Channel Power MOSFETs 2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|