PART |
Description |
Maker |
LTC3805 LTC3805EDD LTC3805EDD-PBF LTC3805EDD-TR LT |
Adjustable Frequency Current Mode Flyback DC/DC Controller
|
Linear Technology
|
NCV47711PDAJR2G |
5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
|
ON Semiconductor
|
MAX5087BATN |
45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay FIXED/ADJUSTABLE POSITIVE REGULATOR, QCC56
|
Maxim Integrated Products, Inc.
|
LTC1206CN8 LT1395 LT1210 LT1206CT7 LT120611 LT1207 |
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current diode
|
Linear Technology 3M Electronics
|
MSK5012ZS |
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR 1.3 V-36 V ADJUSTABLE POSITIVE LDO REGULATOR, 1 V DROPOUT, SFM5
|
M.S. Kennedy, Corp.
|
B1129-3.3 B1129-5.0 B1129N-ADJ B1129S-ADJ |
1.00Amp High Current Low Dropout Voltage Regulator Adjustable & Fix Adjustable 1.00A high current low dropout voltage regulator
|
BayLinear
|
Q62702-B257 BBY34D Q62702-B194 BBY34C |
Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 ˇ 12 V) 硅调谐变容二极管(Hyperabrupt交界调谐二极管频率线性调谐范 12五) Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:35mA; Current, It av:12A; Forward Current:12A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 12 V) Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 ?12 V)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
B29150 B29150J B29150S B29150T B29151/2/3J B29151/ |
5V dual 1.5A high current low dropout voltage regulator 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 12V dual 1.5A high current low dropout voltage regulator Adjustable dual 1.5A high current low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC BayLinear
|
TK73200 TK73200MCL TK73200MCL_C00 TK73200M TK73200 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, PDSO8 ADJUSTABLE LOW DROPOUT REGULATOR
|
TOKO, Inc. TOKO Inc. TOKO[TOKO, Inc]
|
LM13407 LM334AAP LM334AD LM334ADT LM334AT LM334AZ |
Three terminal adjustable current sources
|
STMicroelectronics
|