PART |
Description |
Maker |
FPF2193 FPF219412 FPF2195 |
Full-Function Load Switch with Adjustable Current Limit
|
Fairchild Semiconductor
|
FPF216308 |
Full Function Load Switch with Adjustable Current Limit
|
Fairchild Semiconductor
|
NCP373MU04TXG |
Load Switch Function
|
ON Semiconductor
|
NCP374MU075TXG |
Overvoltage Up to 30 and Down to -30 V with Load Switch Function
|
ON Semiconductor
|
CK111G CK112G |
Ultra-small load switch IC with a reverse current blocking and thermal shutdown function, and the industry's lowest on-resistance (8.5m惟) o
|
Toshiba, Corp.
|
AQV202 AQV202A AQV103 AQV103A AQV101 AQV101A AQV20 |
PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 150 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 4/5/6-pin side.. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 500 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 180 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 300 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 600 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 700 mA. Tape and reel packing style. picked from the 1/2/3-pin side. ER 17C 17#16 PIN RECP ER 8C 8#16 PIN RECP WALL ER 17C 17#16 SKT RECP ER 14C 14#16 SKT RECP WALL ER 2C 2#8 SKT RECP WALL HF (High Function) Type [1-Channel (Form A) Type] PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 700 mA. Tape and reel packing style. picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 600 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 180 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 300 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 500 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 200 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 200 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 150 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Nais(Matsushita Electri... ETC[ETC] NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
ADM693 ADM692 |
Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):85ohm; Analog Switch Function:Analog Switch; Leakage Current:0.5nA; Supply Voltage Max Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:Analog Switch; Package/Case:16-DIP; Leaded Process Compatible:No; Leakage Current:0.5nA
|
Analog Devices, Inc.
|
AQY210HLAZ AQY210HLAX AQY210HL AQY210HLA |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
SI-3150 SI-3000C SI-3090C SI-3240C SI-3120C SI3150 |
5-Terminal Multi-Function Full-Mold Low Dropout Voltage Dropper Type 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type 5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
AQW210HLAX AQW210HLAZ AQW210HL AQW210HLA |
PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tape and reel packing style. Picked from the 4/5 PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tube packing style. PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tape and reel packing style. Picked from the 1/2 PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Trough hole terminal. Tube packing style. GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
2832661 |
Ethernet Switch, 15 TP RJ45 ports, 1 FO port, 100 Mbps full duplex in SC-D format, automatic detection of data transmission speed of 10 or 100 Mbps (RJ45), autocrossing function
|
PHOENIX CONTACT
|
ADP1190A |
Integrated 500 <font style="text-transform: lowercase">mA Load Switch with Quad Signal Switch
|
Analog Devices
|
|