PART |
Description |
Maker |
CZT7120 |
SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
|
Central Semiconductor Corp
|
MMBT6589T1 MMBT6589T1G |
HIGH CURRENT SURFACE MOUNT PNP SILICON SWITCHING TRANSISTOR FOR SWITCHING TRANSISTOR FOR PORTABLE APPLICATIONS
|
http:// ONSEMI[ON Semiconductor]
|
MMBT589LT1 |
High Current Surface Mount PNP Silicon Switching Transistor
|
ONSEMI[ON Semiconductor]
|
SAI01 SAI01-V1 SAI06 |
Surface-Mount, Separate Excitation Switching Type Surface-Mount Separate Excitation Switching Type Two-output LNB Supply And Control-voltage Regulator Surface-Mount/ Separate Excitation Switching Type Surface-mount and Separate Excitation Type
|
SANKEN[Sanken electric] ALLEGRO Sanken Electric Co.,Ltd.
|
CMLM070510 |
SURFACE MOUNT SILICON SWITCHING PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
DDTB122TU-7-F DDTB142JU DDTB142TU DDTB122LU DDTB12 |
Prebiased Transistors PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
MJD45H11 MJD45H11TM MJD45H11TF |
PNP Epitaxial Silicon Transistor General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
|
FAIRCHILD[Fairchild Semiconductor]
|
SPI-8000A11 SPI-8010A |
Surface Mount, Separate Excitation Step-down Switching Mode 3 A SWITCHING REGULATOR, 250 kHz SWITCHING FREQ-MAX, PDSO16 HSOP-16
|
Sanken Electric Co., Ltd.
|
DDTA122LE-7-F DDTA122TE-7-F DDTA142JE-7-F |
PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR 进步党预偏置100毫安的SOT - 523表面贴装晶体
|
Diodes Inc. Diodes, Inc.
|
CCR1 CCR CCR1Z-1K2KI CCR1Z-1K8KI CCR1Z-1K5KI CCR1Z |
RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 900 ppm, 390 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 900 ppm, 270 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 900 ppm, 560 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 2200 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 900 ppm, 680 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 900 ppm, 820 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 10000 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 2700 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 3300 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 900 ppm, 220 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 900 ppm, 330 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 900 ppm, 470 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 22000 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 12000 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 18000 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 15000 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 1000 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 1500 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 1800 ohm, SURFACE MOUNT RESISTOR, CARBON COMPOSITION, 1 W, 10 %, 1300 ppm, 1200 ohm, SURFACE MOUNT Carbon Ceramic Resistors
|
Welwyn Components, Ltd. Welwyn Components Limited TT Electronics / Welwyn
|
DSS5540X-13 |
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR 4000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
MSB709RT1 MSB709-RT1 ON2370 |
PNP General Purpose Amplifier Transistor Surface Mount 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
|