PART |
Description |
Maker |
LTC1992 LTC1998IS6 LTC1998 LTC1998C LTC1998CS6 LTC |
2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring 2.5uA1%精度,采用SOT - 23比较器和电池电压参考监 2.5uA/ 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
ADT7302ARMZ ADT7302ARMZ-REEL7 ADT7302ART-500RL7 AD |
±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 【2∑C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 ±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
|
AD[Analog Devices]
|
AD5063BRMZ-REEL7 AD5062BRJZ-2500RL7 AD5063BRMZ |
2.7 V-5.5 V Full Accurate 16-Bit Vout nanoDAC™ Converter Unbuffered in a Sot 23
|
Analog Devices
|
MAX1299 MAX1298BEAE MAX1299AEAE MAX1299BEAE |
12-Bit Serial-Output Temperature Sensors with 5-Channel ADC 6-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO16 TMP125: 2 Degree Celsius Accurate Digital Temperature Sensor with SPI (TM) Interface 6-SOT-23 -40 to 125
|
http:// Maxim Integrated Products, Inc.
|
EVAL-ADT7310EBZ ADT7310TRZ ADT7310TRZ-REEL ADT7310 |
±0.5°C Accurate, 16-Bit Digital SPI Temperature Sensor 卤0.5掳C Accurate, 16-Bit Digital SPI Temperature Sensor 隆戮0.5隆?C Accurate, 16-Bit Digital SPI Temperature Sensor
|
Analog Devices
|
AD1154 AD1154AD AD1154BD |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 低成本,16位精确的采样保持放大 Low Cost/ 16-Bit Accurate Sample-and-Hold Amplifier Low Cost, 16-Bit Accurate Sample-and-Hold Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
1D86 1S29 1S88 1S86 1S54 1D56 1D850 1S47 1S49 1S84 |
Low-Power, 1%-Accurate Battery Monitor in µDFN and SC70 Packages 3.3V Input to Regulated 5V Output Charge Pumps Automotive Micropower Linear Regulators with Supervisor Analog IC 模拟IC Low-Power, 1%-Accurate Battery Monitor in µDFN and SC70 Packages 模拟IC
|
Silicon Laboratories, Inc. B&K Precision, Corp. Glenair, Inc. Vishay Intertechnology, Inc. Electronic Theatre Controls, Inc.
|
LT1468-2 LT1468IDD-2-PBF LT1468IDD-2-TRPBF LT1468I |
200MHz, 30V/μs 16-Bit Accurate AV ?2 Op Amp 200MHz, 30V/楼矛s 16-Bit Accurate AV 隆? 2 Op Amp 200MHz, 30V/レs 16-Bit Accurate AV ∶ 2 Op Amp
|
Linear Technology
|
LT1468 LT1468CN8 LT1468CS8 LT1468IN8 LT1468IS8 146 |
90MHz, 22V/us 16-Bit Accurate Operational Amplifier 90MHz/ 22V/us 16-Bit Accurate Operational Amplifier From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
MAX1284 MAX1284BCSA MAX1284BESA MAX1284-MAX1285 MA |
Enhanced Product 1.5 Degrees C Accurate Digital Temperature Sensor W/Spi Interface 6-SOT-23 -40 to 125 400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference 400ksps/300ksps / Single-Supply / Low-Power / Serial 12-Bit ADCs with Internal Reference
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|