PART |
Description |
Maker |
W78C32C W78C32C-24 W78C32C-40 W78C32CF-24 W78C32CF |
From old datasheet system 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 FUSE 2A00 250V 5.0X20 MM S CR 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PDIP40
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
W541C261 |
4BIT MICROCONTROLLER, 2K 6 ROM, 128 RAM 128 -DOT LCD
|
Winbond Electronics Corp
|
HT32F12365 HT32F12366 |
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
|
Holtek Semiconductor In...
|
UPD17225MC-XXX-5A4-A UPD17225CT-XXX UPD17225GT-XXX |
4-BIT, MROM, MICROCONTROLLER, PDSO30 4-BIT, MROM, MICROCONTROLLER, PDIP28 4-BIT, MROM, MICROCONTROLLER, PDSO28 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
|
Renesas Electronics Corporation
|
LPC12D27FBD100 |
32-bit ARM Cortex-M0 microcontroller; 128 kB flash and 8 kB SRAM; 4 x 40 segment LCD driver 32位ARM Cortex-M0的微控制器,128KB闪存 KB静态随机存储器;4×40段LCD驱动 32-bit ARM Cortex-M0 microcontroller??28kB flash, 8kB SRAM, LCD, LQFP100 package
|
NXP Semiconductors N.V.
|
ATTINY24V-10MUR ATTINY24V-10SSUR ATTINY84V-10PU AT |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO14 0.150 INCH, GREEN, PLASTIC, MS-012AB, SOIC-14 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP14 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
M34C00MN M34C00 M34C00DW M34C00-WDW6T M34C00-WMN6T |
SWITCH TACT 6MM SQ L=5.85MM160GF 3 X 128 BIT SERIAL I²C BUS EEPROM FOR EE-TAGS From old datasheet system 3 X 128 BIT SERIAL I2C BUS EEPROM FOR EE-TAGS 3 x 128 bit Serial I?C Bus EEPROM For ee-Tags 3 x 128 bit Serial I2C Bus EEPROM For ee-Tags 3 X 128 BIT SERIAL I²C BUS EEPROM FOR EE-TAGS 3 x 128 bit Serial IC Bus EEPROM For ee-Tags
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ST7FLITE-SK/RAIS ST7PLITE02F0U6TR ST7PLITES5Y0M6 S |
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 8-BIT, MROM, 16 MHz, MICROCONTROLLER, QCC20 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO16 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP16
|
STMicroelectronics
|
ATTINY2313 ATTINY2313-24SJ |
8-BIT, FLASH, 24 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, LEAD FREE, PLASTIC, MS-013AC, SOIC-20 2K Bytes of In-System Self-Programmable Flash, 128 Bytes In-System Programmable EEPROM, 128 Bytes Internal SRAM. USI--Universal Serial Interface, Full Duplex UART. debugWIRE for on-chip-debug. Up to 16 MIPS throughput at 16 MHz.
|
Atmel, Corp.
|
MB89P657APFV-102 MB89P657APFV-105 MB89P657APFV-101 |
Quadruple Bus Buffer Gates With 3- State Outputs 14-CDIP -55 to 125 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP100 LJT 79C 79#22D PIN REAR WALL 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited
|
|