PART |
Description |
Maker |
1N6119AUS 1N6127US 1N6113AUS 1N6114AUS 1N6109AUS 1 |
500W Bipolar Transient Voltage Suppressor Surface Mount (US)
|
Semtech Corporation
|
1N6110 1N6111 1N6116 1N6102 1N6104 1N6137 1N6103 1 |
HC-B 10-SD-FQ/FS Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电1.9V,双极瞬变电压抑制 Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电4.8V,双极瞬变电压抑制 Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电3.5V,双极瞬变电压抑制 Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电9V,双极瞬变电压抑制 500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS 500瓦双极性瞬态电压抑制器
|
SEMTECH[Semtech Corporation] Semtech, Corp.
|
SMBJ10 SMBJ40 SMBJ40A SMBJ30 SMBJ8.0 SMBJ8.5A SMBG |
SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⒙ TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR High Speec CMOS Logic 4-Bit Parallex Access Register 16-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Output 20-CDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counter 16-CDIP -55 to 125 CMOS Dual Binary Up-Counter 16-CDIP -55 to 125 9-Bit Odd/Even Parity Generator/Checker 14-CDIP -55 to 125 High Speed CMOS Logic Dual J-K Flip-Flops with Set and Reset, Negative-Edge Trigger 16-CDIP -55 to 125 PV SERIES 表面贴装TRANSZORB⑩瞬态电压抑制器 SURFACE MOUNT TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR 表面贴装TRANSZORB⑩瞬态电压抑制器 TransZorb Surface Mount Transient Voltage Suppressor(TransZorb表贴型瞬变电压抑制器) TransZorb表面贴装瞬态电压抑制器(TransZorb表贴型瞬变电压抑制器 SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR
|
http:// GE[General Semiconductor] GE Security, Inc.
|
1.5SMC 1.5SMC100A 1.5SMC6.8A-E3_57T 1.5SMC6.8A-E3_ |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
L2TVS28A L2TVS26A L2TVS22A L2TVS150A L2TVS78A L2TV |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
|
GOOD-ARK Electronics
|
SMDJ100A SMDJ110A SMDJ130A SMDJ120A SMDJ150 SMDJ17 |
100.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 110.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 130.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 120.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 150.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 170.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 160.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications
|
MDE Semiconductor
|
SMBJ3V3-E3_5B SMBJ3V3HE3_52 SMBJ3V3HE3_5B SMBJ3V30 |
Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB㈢ Transient Voltage Suppressors
|
Vishay Siliconix
|
SMAJ530-E3_5A SMAJ530-E3_61 SMAJ530HE3_5A SMAJ530H |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
SA43A-TP SA6.0A-TP SA150CA-TP SA8.0A-TP SCA45CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS TVS 500W 20V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 10V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 20V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.5V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 5.0V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.0V BIDIRECT DO-15
|
http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
SM6T10A-E3_52 SM6T10A-E3_5B SM6T10AHE3_52 SM6T10AH |
Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix http://
|
SA220 |
(SA2xx) 500W TRANSIENT VOLTAGE SUPPRESSOR
|
Won-Top Electronics
|