PART |
Description |
Maker |
IC149-176-166-B5 |
SY-TQG176, yamaichi lead free prototype socket drawing for TQG176 and TQG176 packages
|
Actel Corporation
|
C-2-TYPE31.2000K-APBFREE C-2-TYPE31.2000KA-APBFREE |
QUARTZ CRYSTAL RESONATOR, 31.2 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 160 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.16 MHz - 0.165 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.032 MHz - 0.038 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 307.2 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.13 MHz - 0.16 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.0312 MHz - 0.04 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.038 MHz - 0.06 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 20 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.04 MHz - 0.09 MHz QUARTZ CRYSTAL RESONATOR, 0.02 MHz - 0.0312 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 165 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 40 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 90 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 120 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 60 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 74 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 130 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 33 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 100 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 38 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.032768 MHz QUARTZ CRYSTAL RESONATOR, 0.074 MHz - 0.1 MHz QUARTZ CRYSTAL RESONATOR, 0.09 MHz - 0.13 MHz
|
Epson ToYoCom, Corp. EPSON TOYOCOM CORP
|
PS7841C-A11 PS7841C-A15 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21366 packaged in a Lead-Free 28-Lead SOIC Single Low Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2121 packaged in a Lead-Free 8-Lead PDIP
|
NEC, Corp.
|
CD216AXXX CD216A-B130L CD216A-B120LLF CD216A-B140R |
MITE Chip Diode Lead free versions available, RoHS compliant (lead free version), Low profile, Surface mount, Very low forward voltage drop
|
ETC Electronic Theatre Controls, Inc.
|
GMC21Z5U225G25NTLF GMC40Z5U225G25NT-LF GMC43Z5U225 |
CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 1808 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 1812 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 1210 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 1206 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 1825 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, Y5V, 1 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 6.3 V, Y5V, 0.22 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 6.3 V, Y5V, 1 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 6.3 V, X7R, 0.00001 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 6.3 V, X7R, 0.0001 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, Y5V, 0.33 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0603 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 100 V, C0G, 0.0000068 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0402 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 200 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000068 uF, SURFACE MOUNT, 0603 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 16 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 100 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0603 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000068 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0000068 uF, SURFACE MOUNT, 0402 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000068 uF, SURFACE MOUNT, 0402 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0603 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 100 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE
|
Cal-Chip Electronics
|
M4A3-256/128-7FANI M4A3-256/128-7FANC M4-192/96-14 |
EE PLD, 7.5 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 7.5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 EE PLD, 10 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144 EE PLD, 6 ns, PQFP144 LEAD FREE, TQFP-144 EE PLD, 7.5 ns, PQFP144 LEAD FREE, TQFP-144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQCC44 EE PLD, 7.5 ns, PQCC44 LEAD FREE, PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQFP48 MACH4 ISP EEPLD, SMD, TQFP100, 3.3V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:3.3V; Case style:TQFP / 100; Base number:4; I/O lines, No. of:64; Logic function number:M4; Macrocells, No. RoHS Compliant: Yes EE PLD, 12 ns, PQFP100
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AM29F200BB-45EC AM29F200BB-120FC AM29F200BB-70FC A |
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ44VZL with Lead-Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU1010Z with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to the IRL2910 in lead free packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3705N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3205L with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR2307Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU7807ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF530NS with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU1205 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF530NS with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB61N15D with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Lead-Free packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL33N15D with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3717 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7463 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2705 with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7457 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a 7-Lead TO-262 package; Similar to IRF1405ZL-7P with Lead Free packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF540NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR7811WCPBF with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS23N20D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7834 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR4105Z with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3714 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF8010S with Lead-Free packaging. 100V Single N-Channel Automotive HEXFET Power MOSFET in a D-Pak package; Similar to IRFR3710Z with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3205PBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3710Z with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL17N20D with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL23N15D with Lead Free Packaging x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
NCP4588DSQ10T1G NCP4588DSQ15T1G NCP4588DSQ25T1G NC |
200 mA, Output Capacitor Free, LDO Linear Voltage Regulator 1 V FIXED POSITIVE LDO REGULATOR, 0.92 V DROPOUT, PDSO6 1.20 X 1.20 MM, 0.40 MM PITCH, LEAD FREE, XDFN-6 1.5 V FIXED POSITIVE LDO REGULATOR, 0.76 V DROPOUT, PDSO5 LEAD FREE, SOT-353, SC-88A, SC-70, 5 PIN 1.5 V FIXED POSITIVE LDO REGULATOR, 0.76 V DROPOUT, PDSO6 1.20 X 1.20 MM, 0.40 MM PITCH, LEAD FREE, XDFN-6
|
ON Semiconductor
|
LFE2-12SE-5QN208I LFE2-50SE-5FN672C |
FPGA, 311 MHz, PQFP208 28 X 28 MM, LEAD FREE, PLASTIC, QFP-208 FPGA, 311 MHz, PBGA672 27 X 27 MM, LEAD FREE, FPBGA-672
|
Lattice Semiconductor, Corp.
|
LFXP2-5E-5TN144C LFXP2-5E-5TN144I LFXP2-17E-6FN484 |
FPGA, 311 MHz, PQFP144 20 X 20 MM, LEAD FREE, TQFP-144 FPGA, 357 MHz, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 311 MHz, PBGA256 17 X 17 MM, FTBGA-256 FPGA, 311 MHz, PQFP208 28 X 28 MM, LEAD FREE, PLASTIC, QFP-208 FPGA, 357 MHz, PBGA256 17 X 17 MM, LEAD FREE, FTBGA-256 FPGA, 311 MHz, PBGA256 17 X 17 MM, LEAD FREE, FTBGA-256 FPGA, 357 MHz, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 357 MHz, PBGA256 17 X 17 MM, FTBGA-256 FPGA, 420 MHz, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 311 MHz, PBGA132 8 X 8 MM, CSBGA-132
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
|