PART |
Description |
Maker |
BPW180-0830-14CB95 |
SE-CSG180, E-Tec lead free prototype socket drawing for CSG180 and CSG180 packages
|
Actel Corporation
|
BPW128-0830-12CB95 BPW128-1230-12CB95 BPW128-1270- |
BGA128, IC SOCKET ROHS COMPLIANT SE-CSG128-H, E-Tec lead free prototype socket drawing for CSG128 and CSG128 packages
|
Actel Corporation
|
BPW324-1028-18AB95L CCW324-1028-18AB95L BUW324-102 |
SE-FGG324-H, E-Tec lead free prototype socket drawing for FGG324 and FGG324 packages BGA324, IC SOCKET
|
Actel Corporation
|
BPW676-1030-26AB95L BPW676-1629-26AB95L |
BGA676, IC SOCKET SE-FGG676, E-Tec lead free prototype socket drawing for FGG676 and FGG676 packages
|
Actel Corporation
|
3KP70CA-HF 3KP70A-HF 3KP45A-HF 3KP36A-HF 3KP36CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5%
|
Comchip Technology
|
CD216AXXX CD216A-B130L CD216A-B120LLF CD216A-B140R |
MITE Chip Diode Lead free versions available, RoHS compliant (lead free version), Low profile, Surface mount, Very low forward voltage drop
|
ETC Electronic Theatre Controls, Inc.
|
LC4032ZE-4TN48C LC4032ZE-7TN48I LC4128ZE-5MN144C |
EE PLD, 4.4 ns, PQFP48 LEAD FREE, TQFP-48 EE PLD, 7.5 ns, PQFP48 LEAD FREE, TQFP-48 EE PLD, 5.8 ns, PBGA144 0.5 MM PITCH, LEAD FREE, CSBGA-144
|
Lattice Semiconductor, Corp.
|
M4A3-256/128-7FANI M4A3-256/128-7FANC M4-192/96-14 |
EE PLD, 7.5 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 7.5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 EE PLD, 10 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144 EE PLD, 6 ns, PQFP144 LEAD FREE, TQFP-144 EE PLD, 7.5 ns, PQFP144 LEAD FREE, TQFP-144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQCC44 EE PLD, 7.5 ns, PQCC44 LEAD FREE, PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQFP48 MACH4 ISP EEPLD, SMD, TQFP100, 3.3V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:3.3V; Case style:TQFP / 100; Base number:4; I/O lines, No. of:64; Logic function number:M4; Macrocells, No. RoHS Compliant: Yes EE PLD, 12 ns, PQFP100
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AM29F200BB-45EC AM29F200BB-120FC AM29F200BB-70FC A |
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ44VZL with Lead-Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU1010Z with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to the IRL2910 in lead free packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3705N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3205L with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR2307Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU7807ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF530NS with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU1205 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF530NS with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB61N15D with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Lead-Free packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL33N15D with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3717 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7463 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2705 with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7457 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a 7-Lead TO-262 package; Similar to IRF1405ZL-7P with Lead Free packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF540NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR7811WCPBF with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS23N20D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7834 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR4105Z with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3714 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF8010S with Lead-Free packaging. 100V Single N-Channel Automotive HEXFET Power MOSFET in a D-Pak package; Similar to IRFR3710Z with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3205PBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3710Z with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL17N20D with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL23N15D with Lead Free Packaging x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
NCP4588DSQ10T1G NCP4588DSQ15T1G NCP4588DSQ25T1G NC |
200 mA, Output Capacitor Free, LDO Linear Voltage Regulator 1 V FIXED POSITIVE LDO REGULATOR, 0.92 V DROPOUT, PDSO6 1.20 X 1.20 MM, 0.40 MM PITCH, LEAD FREE, XDFN-6 1.5 V FIXED POSITIVE LDO REGULATOR, 0.76 V DROPOUT, PDSO5 LEAD FREE, SOT-353, SC-88A, SC-70, 5 PIN 1.5 V FIXED POSITIVE LDO REGULATOR, 0.76 V DROPOUT, PDSO6 1.20 X 1.20 MM, 0.40 MM PITCH, LEAD FREE, XDFN-6
|
ON Semiconductor
|
BAT54CWGH |
Schottky Barrier Diode Lead free product Halogen-free type
|
Zowie Technology Corporation
|
EDE2108AEBG-8E-F |
Lead-free (RoHS compliant) and Halogen-free 2G bits DDR2 SDRAM
|
Elpida Memory
|
|