PART |
Description |
Maker |
5082-7650 5082-7650-DD000 5082-7650-DE000 HDSP-360 |
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays(7.6 mm (0.3 英寸)/10.9 mm (0.43英寸) 七段显示 7.6 mm (0.3 inch) Overflow Character Displays 10.9mm(0.43inch)SevenSegmentDisplays
7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display 7.6毫米.3英寸10.9毫米.43英寸),七段显示
|
Agilent(Hewlett-Packard) Bivar, Inc.
|
HDSP-G03Y HDSP-G01A HDSP-G01E HDSP-G01G HDSP-G01X |
Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display HDSP-G01A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
5082-7666 5082-7623 5082-7651 5082-7651-DD000 5082 |
5082-7666 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7623 · 7.6 mm (0.3 inch) Seven Segment Displays 5082-7651 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7651-DD000 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7651-DE000 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7656-DE000 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7656 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7620 · 7.6 mm (0.3 inch) Seven Segment Displays 5082-7610-DD000 · 7.6 mm (0.3 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
MAN6710 MAN6780 MAN6700 MAN6730 MAN6740 MAN6750 MA |
0.560-INCH SEVEN SEGMENT DISPLAYS From old datasheet system SEVEN-SEGMENT NUMERIC LED DISPLAY
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TDSR315 TDSY315 TDSY316 TDSR316 TDSG315 TDSG316 TD |
10 mm Seven Segment Display Yellow (585 nm) 7-segment display, 10 mm / 3.94 inch, viewing distance up to 6 meter Green (565 nm) 7-segment display, 10 mm / 3.94 inch, viewing distance up to 6 meter
|
Vishay Intertechnology,Inc. Vishay Telefunken VISAY[Vishay Siliconix]
|
MAN3680A MAN78A AN38 MAN3480A MAN3880A |
0.300-INCH SEVEN SEGMENT DISPLAYS 0.300-INCH SEVEN SEGMENT DISPLAYS 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY GREEN, 7.62 mm
|
http:// QT[QT Optoelectronics]
|
HDSP-7502 HDSP-A158 HDSP-7308 |
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays(7.6 mm (0.3 inch)微亮七段显示
|
Agilent(Hewlett-Packard)
|
LTS-3406LG LTS3406LG -LTS3406LG |
The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY ALUMINUM ELECTROLYTIC CAPACITOR; CAPACITANCE:10UF; CAPACITANCE TOLERANCE: /- 20
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
HDSP-5537 HDSP-5538 |
HDSP-5537 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5538 · 14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
LTS-3401LG LTS3401LG |
The LTS-3401LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3403LP LTS3403LP |
The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
SA23-12EWA |
56.9mm (2.3 INCH) SINGLE DIGIT NUMERIC DISPLAY
|
KINGBRIGHT[Kingbright Corporation]
|