Part Number Hot Search : 
JAN2N SZ5250 2SA1934 MAX204 7C107 SRF6G I7512 07BTETR1
Product Description
Full Text Search
  9.9mm Datasheet PDF File

For 9.9mm Found Datasheets File :: 2549    Search Time::1.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    64M16 256M4

Micon Design Technology Corporation
Part No. 64M16 256M4
OCR Text ...read) latency (cl): 5, 6, 7, 8, 9, 10, or 11 ? posted cas additive latency (al): 0, cl - 1, cl - 2 ? cas (write) latency (cwl): 5, 6, 7, 8, ...9mm x 11.5mm) rev. d hx ? 86-ball fbga (9mm x 15.5mm) rev. b by ? fbga package (pb-free) - x16 ? 96-...
Description 1Gb: x4, x8, x16 DDR3 SDRAM

File Size 8,200.39K  /  181 Page

View it Online

Download Datasheet





    LTC2242IUP-12 LTC2242UP-12 LTC2242CUP-12 LTC2242-12

Linear Technology
Part No. LTC2242IUP-12 LTC2242UP-12 LTC2242CUP-12 LTC2242-12
OCR Text ...5 REFHA 6 REFLB 7 REFLB 8 REFHB 9 REFHB 10 REFLA 11 REFLA 12 VDD 13 VDD 14 VDD 15 GND 16 65 48 D9+/DA6 47 D9-/DA5 46 D8+/DA4 45 D8-/DA...9mm x 9mm) PLASTIC QFN EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB TJMAX = 150C, JA = 20C/W...
Description 12-Bit, 250Msps ADC

File Size 437.05K  /  28 Page

View it Online

Download Datasheet

    EXAR[Exar Corporation]
Part No. XR16L580_07 XR16L580 XR16L580IL XR16L580IL24 XR16L580IL28 XR16L580IM
OCR Text ...D0 20 11 D1 21 24-pin QFN in 10 9 D2 22 Intel Bus mode D3 23 D4 24 1 16/68# 2 D5 3 D6 4 D7 5 RX 8 7 6 TX GND IOW# XTAL2 XTAL1 PwrSv CS# 18 17 16 15 14 13 VCC 19 12 D0 20 11 24-pin QFN in D1 21 10 Motorola Bus 9 D2 22 mode 8 D3 23 D4 2...
Description SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE

File Size 348.27K  /  52 Page

View it Online

Download Datasheet

    Suncagey
Part No. BB409
OCR Text ... ? features - 0.9 mmx low profile - 0.9mm board-to-board distance ?M?D board-to-board application fpc ?M?D board-to-fpc application board ? board female 0.9 board male 0.9 ? female fpc male 0.25mm YL mating l...
Description 0.4mm Pitch

File Size 965.60K  /  12 Page

View it Online

Download Datasheet

    HIROSE[Hirose Electric]
Hirose Electric USA, INC.
HIROSE ELECTRIC Co., Ltd.
Part No. U.FL-R-SMT_10 HRMJ-U.FLP HRMJ-U.FLP-ST1 HRMP-U.FLJ U.FL-LP_V-N-2 U.FL-LP-N-2 U.FL-R-1 U.FL-R-SMT U.FL-R-SMT_01 U.FL-R-SMT10 U.FL-R-SMT01 U.FL-LPV-N-2
OCR Text ...t) U.FL-LP-040 U.FL-LP-066 1.9(2.0Max) 2.4(2.5Max) 3(3.2Max) U.FL-LP(V)-040 E.FL-LP-040 E.FL-LP-066 U.FL Series E.FL Series sFeatures 1. Low Profile: 1.9mm or 2.4mm Nom. Mated Height Height from the circuit board is 2.0mm o...
Description Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height 超小型表面贴装同轴连接器-超薄一点九毫米.4毫米交配高度

File Size 174.88K  /  8 Page

View it Online

Download Datasheet

    ATCC-211B-016-106 ATCC-211B-025-475 ATCC-211B-004-227 ATCC-211B-010-107 ATCC-211B-006-107 ATCC-211B-016-226 ATCC-211B-02

Abracon Corporation
Part No. ATCC-211B-016-106 ATCC-211B-025-475 ATCC-211B-004-227 ATCC-211B-010-107 ATCC-211B-006-107 ATCC-211B-016-226 ATCC-211B-025-106 ATCC-211A-004-107 ATCC-211B-050-225 ATCC-211A-006-476 ATCC-211A-006-336 ATCC-211A-006-226 ATCC-211P-016-105 ATCC-211P-010-106 ATCC-211P-006-106 ATCC-211A-010-106 ATCC-211A-035-104 ATCC-211A-035-105 ATCC-211A-010-226 ATCC-211A-016-106 ATCC-211A-025-475
OCR Text ... , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r...9mm 2.0 x 1.25 x 1.1mm -10?c ~ +40?c and 70% r.h. max. atcc-211(a, b, p) series part nu m ber di m...
Description Meets EIA-535BAAC standard, Large capacitance in small size

File Size 2,410.48K  /  5 Page

View it Online

Download Datasheet

    LTM4605 LTM8020 LTM8021 LTM8022 LTM4608A

Linear Technology
Part No. LTM4605 LTM8020 LTM8021 LTM8022 LTM4608A
OCR Text ....com/packaging/ 1 2 3 4 5 6 7 8 9 10 11 lga package 68-lead (15mm 9mm 2.82mm) a gnd sw fb gnd run sgnd b c d e f g gnd v out v in top view clkout plllpf clkin sv in phmode mode bsel mgn pgood i thm track i th t jmax = 125c, ja = 25c/...
Description Low VIN, 8A DC/DC μModule Regulator

File Size 379.61K  /  26 Page

View it Online

Download Datasheet

    LTM8047 LTM4613 LTM4612 LTM8061 LTM8048 LTM8033

Linear Technology
Part No. LTM8047 LTM4613 LTM4612 LTM8061 LTM8048 LTM8033
OCR Text ... values determined per jedec 51-9, 51-12 order information lead free finish tray part marking* package description temperature range (note...9mm 4.92mm) bga C40c to 125c ltm8048iy#pbf ltm8048iy#pbf ltm8048y 45-lead (11.25mm 9mm 4.92...
Description 3.1VIN to 32VIN Isolated μModule DC/DC Converter
   3.1VIN to 32VIN Isolated μModule DC/DC Converter

File Size 350.65K  /  20 Page

View it Online

Download Datasheet

For 9.9mm Found Datasheets File :: 2549    Search Time::1.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 9.9mm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.65596604347229