PART |
Description |
Maker |
5338048-6 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; 6P. DIP SWITCH WITH ACTION PIN POSTS ( Tyco Electronics )
|
Tyco Electronics
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
PS7112-1A PS7112L PS7112L-1A PS7112L-1A-E3 PS7112L |
6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6引脚DIP00毫安的连续负载电1通道光学耦合场效应晶体管 Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Solid State Relay(固态继电器) 6-PIN DIP / 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6-PIN DIP 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
14-354W00-10 16-354W00-10 20-354W00-10 24-354W00-1 |
24-Pin SOWIC-to-22-Pin 0.400 CRT DIP Adapter for 75ALS162 and Others
|
Aries Electronics, Inc.
|
1445QQPL 1446QQPL |
Bulk Metal Foil Technology, 1445Q-14 Pin and 1446Q-16 Pin DIP Packages
|
Vishay
|
TIL117TM TIL117TVM TIL111SM TIL1113S TIL1113SD TIL |
6-Pin DIP Phototransistor Output Optocoupler 6-Pin DIP Low Input Current Phototransistor Output Optocoupler
|
Fairchild Semiconductor
|
PA28-28Z |
28 pin PLCC socket/28 pin DIP 0.6?plug
|
List of Unclassifed Man...
|
PA51-44Z |
44 pin PLCC socket/40 pin DIP 0.6?plug
|
List of Unclassifed Man...
|
1-1825006-1 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; GDS06S04=DIP SW,SLIDE,SMT ( Tyco Electronics )
|
Tyco Electronics
|
5-1825059-8 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF12SATTR04=DIP,FLUSH,SMT-JL ( Tyco Electronics )
|
Tyco Electronics
|
1-1825059-8 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04STTR04=DIP S,FLUSH,SMT-GW ( Tyco Electronics )
|
Tyco Electronics
|
1-1825008-0 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; DRS10RA04=Rot Dip,R/A ( Tyco Electronics )
|
Tyco Electronics
|