PART |
Description |
Maker |
LT3080-1 LT3080EDD-1 LT3080EDD-1-PBF LT3080EDD-1-T |
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
|
Linear Technology
|
MAX5041EAI MAX5038 MAX5038EAI12 MAX5038EAI15 MAX50 |
Dual-Phase, Parallelable, Average Current-Mode Controllers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX5058 MAX5058AUI MAX5058EUI MAX5059AUI MAX5059EU |
10 V, parallelable secondary-side synchronous rectifier driver and feedback-generator controller IC 5 V, parallelable secondary-side synchronous rectifier driver and feedback-generator controller IC Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs Parallelable, Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
|
Maxim Integrated Products MAXIM - Dallas Semiconductor
|
MAX5065EAI MAX5067ETH MAX5065 MAX5067 |
Dual-Phase, 0.6V to 3.3V Output Parallelable, Average-Current-Mode Controllers
|
MAXIM[Maxim Integrated Products]
|
LM117A IP117A LM117HVK-883B LM117 IP317 IP117 IP31 |
CAP .068UF 100V METAL FILM BOX 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1.5放大器阳性您好可调电压调节器- Rel应用 Voltage Regulator 电压调节 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.5A Adjustable Positive Voltage Regulator 0.5A Adjustable Positive Voltage Regulator
|
TT electronics Semelab, Ltd. Avago Technologies, Ltd. Delta Electronics, Inc. INTERPION SEMICONDUCTOR CO., LTD. NXP Semiconductors N.V. Power Dynamics, Inc. ITT, Corp. TT electronics Semelab Limited SEME-LAB[Seme LAB] http:// SEMELAB LTD
|
MAX5037AEMH MAX5037AETH |
4.75 to 5.5 V or 8 to 28 V, VRM 9.0/VRM 9.1, dual-phase, parallelable, average current-mode controller
|
MAXIM - Dallas Semiconductor
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
NCV47711PDAJR2G |
5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
|
ON Semiconductor
|
LM11710 LM317 LM317T |
1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, SFM3 1.2 V to 37 V adjustable voltage regulators
|
http:// STMicroelectronics
|
NCV47701PDAJR2G NCV47701DAJR2G |
5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
|
ON Semiconductor
|
OMR186STM OMR183 OMR183NC OMR183NCM OMR183NH OMR18 |
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator 高可靠性的固定电压三端稳压器的积极抗辐 ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 ISOLATED, HERMETIC SEALED, TO-258, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 TO-258AA, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3
|
IRF[International Rectifier] Aimtec International Rectifier, Corp. IRC Advanced Film
|
MAX5087BATN |
45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay FIXED/ADJUSTABLE POSITIVE REGULATOR, QCC56
|
Maxim Integrated Products, Inc.
|