PART |
Description |
Maker |
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
ATTINY2313 ATTINY2313-24SJ |
8-BIT, FLASH, 24 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, LEAD FREE, PLASTIC, MS-013AC, SOIC-20 2K Bytes of In-System Self-Programmable Flash, 128 Bytes In-System Programmable EEPROM, 128 Bytes Internal SRAM. USI--Universal Serial Interface, Full Duplex UART. debugWIRE for on-chip-debug. Up to 16 MIPS throughput at 16 MHz.
|
Atmel, Corp.
|
ATMEGA128 ATMEGA12816A ATMEGA128-16AC ATMEGA128-16 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 ER 5C 5#16S PIN RECP 8-bit Microcontroller with 128K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
ATMEGA8515-16MC ATMEGA8515-8AC ATMEGA8515-8JI ATME |
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash 8-bit microcontroller with 8K bytes In-system programmable flash. Speed 16 MHz. Power supply 4.5 - 5.5 V.
|
Atmel
|
AT90S2313 AT90S2313-10 AT90S2313-4SI 90S2313 AT90S |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 8-bit Microcontroller with 2K Bytes of In-System Programmable Flash 8-Bit Microcontroller with 2K bytes In-System Programmable Flash
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
AT89S51-33AC AT89S51-33JC AT89S51-33PC AT89S51-33S |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQCC44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDIP40
|
Atmel Corp. Atmel, Corp.
|
MC9S12DG256VPV MC9S12DJ256VPV MC9S12DT256VPV |
16-bit microcontroller, 256K bytes of flash EEPROM, 12K bytes of RAM, 4K bytes of EEPROM
|
Motorola
|
ATMEGA806 ATMEGA8_06 ATMEGA8L-8PU ATMEGA8 ATMEGA8- |
8-bit AVR with 8K Bytes In-System Programmable Flash 8-bit with 8K Bytes In-System Programmable Flash
|
ATMEL[ATMEL Corporation]
|
L9805 8035 |
Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful From old datasheet system SUPER SMART POWER MOTOR DRIVER WITH 8-BIT MCU, CAN INTERFACE, 16 K EPROM, 256 BYTES RAM, 128 BYTES EEPROM, 10 BIT ADC, WDG, 2 TIMERS
|
STMICROELECTRONICS[STMicroelectronics]
|
AT90LS2343-4SINBSP AT90LS2343-4SCNBSP AT90LS2343-4 |
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash From old datasheet system
|
ATMEL[ATMEL Corporation]
|
AT89S52-33JL AT89S52-33SC AT89S52-24SI |
8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 PLASTIC, MS-018AC, LCC-44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP42 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDIP42
|
Atmel, Corp.
|