PART |
Description |
Maker |
HC26 HC38 HC35 HC79R2J224K HC26R2A103K HC26R2A123K |
NTE IC, POWER: 6 W, PACKAGE: 10 PIN SIP SRAM Memory IC; Memory Type:MOS SRAM; Interface Type:Serial; Access Time, Tacc:300ns; Package/Case:22-DIP; Mounting Type:Through Hole Voltage Regulator IC; Output Current:100mA; Output Voltage:9V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through DIODE ZENER 150MW 33V 0603 RECT FAST REC 400V 8A TO-220A 高压多层陶瓷电容 Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):250mA; Forward Voltage Max, VF:1.25V; Vf Test Current:200mA; Reverse Recovery Time, trr:50ns; Power Dissipation, Pd:400mW 高压多层陶瓷电容 MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS 高压多层陶瓷电容 RECT FAST REC 600V 8A TO-220A 高压多层陶瓷电容 RECTIFIER BRIDGE 10A 100V 170A-ifsm 1.05V-vf 10uA-ir GBJ 15/TUBE 高压多层陶瓷电容
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
FFPF05U60S FFPF05U60STU FFPF05U60STTU |
High voltage and high reliability ULTRA FAST RECOVERY POWER RECTIFIER 5.0A/600V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
HDB105G HDB107G HDB101G HDB104G HDB106G HDB102G HD |
1.0A, 1000V ultra fast recovery rectifier 1.0A, 50V ultra fast recovery rectifier 1.0A, 800V ultra fast recovery rectifier 1.0A, 200V ultra fast recovery rectifier 1.0A, 400V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) IC-1W BTL MONO AUDIO AMP Analog IC Audio Power Amplifier IC; Speaker Channels:Stereo; Output Power, Po:22W; Load Impedance Min:4ohm; Supply Voltage Max:18V; Supply Voltage Min:9V; Package/Case:17-SIP; Amplifier Type:; Number of Amplifiers:2; Output Current:0.375A 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
FFPF30U60S FFPF30U60STU FFPF30U60STTU |
High voltage and high reliability ULTRA FAST RECOVERY POWER RECTIFIER 30A/600V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
S2HVS7.5F S2HVS2.5F S2HVS5F |
High Voltage, Fast Recovery Rectifier Assembly(反向电压7500V,高压,快速恢复整流器部件) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
FFB05U120S FFB05U120STM |
5.0A/1200V Ultra Fast Recovery Rectifier ULTRA FAST RECOVERY POWER RECTIFIER High voltage and high reliability
|
FAIRCHILD[Fairchild Semiconductor]
|
SCKV30K12F |
High Voltage,High Density,Fast Recovery Rectifier(反向电压30000V,温5℃时平均整流电流0.2A,高压,高密度,快速恢复整流器) 高电压,高密度,快恢复整流(反向电压30000V,温5℃时平均整流电流0.2A,高压,高密度,快速恢复整流器 FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech, Corp. Semtech Corporation
|
ERB05GG |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:400 CURRENT: 0.5A
|
Gulf Semiconductor
|
EU02D EU02G EU02J |
Fast Recovery Pack: A-405 Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:200 TO 600V CURRENT: 1.0A
|
Gulf Semiconductor
|
3RUS4150 3RUS4180 3RUS4120 3RUS2150 3RUS2120 3RUS2 |
HIGH VOLTAGE, HIGH CURRENT ULTRA-FAST RECOVERY SILICON RECTIFIER DIODES
|
Electronic devices inc.
|
R2000F |
HIGH VOLTAGE FAST RECOVERY RECTIFIER
|
Chendahang Electronics ...
|