PART |
Description |
Maker |
XVT9011 |
Voltage Controlled Temperature Compensated Crystal Oscillator
|
RF Monolithics, Inc
|
VTC3-H45D-1M00 VTC3-J45D-1M00 VTC3-H41C-1M00 VTC3- |
Voltage Controlled Temperature Compensated Crystal Oscillator
|
Vectron International, Inc http://
|
K1613 |
3.3V Voltage Controlled Temperature Compensated Crystal Oscillators
|
MTRONPTI[MTRONPTI]
|
OK-XBFXXXX-X |
temperature compensated, voltage controlled crystal oscillators (TCVCXO)
|
Nel Frequency Controls,inc
|
ASVTX-H08K |
32.768KHz VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR 32.768kHz的压控温度补偿晶体振荡器
|
Abracon, Corp.
|
CVT20 |
Temperature Compensated Voltage Controlled Crystal Oscillator 2.0x2.5 mm SMD, 2.8V, Clipped Sine
|
Crystek Corporation
|
EP9810-950 EP9810-45 EP9810-850 EP9810-650 EP9810- |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, 3 wire Up/Down, 32 Taps; Temperature Range: -40°C to 85°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP Single Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-DFN Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-PDIP 抽头延迟 Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-SOIC 抽头延迟 Tapped Delay Line 抽头延迟
|
Ecliptek, Corp. Amphenol, Corp.
|
TC1046VNB TC1046 TC1046VNBTR |
High Precision Temperature-to-Voltage Converter The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 ... The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 can accurately measure temperature from -40C to 125C. The output voltage range for this device is typically
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
DS1857B-050 DS1857E-050 DS1857E-050/R DS1857E-050/ |
Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
|
http:// Maxim Integrated Products
|
DS1857 |
Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
|
MAXIM - Dallas Semiconductor
|
EP9430-800 EP9430-13 EP9430-95 EP9430-45 EP9430-40 |
Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 20-PDIP Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 20-PDIP Quad Digital Controlled Potentionmeters (XDCP), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: -40°C to 85°C; Package DELAY LINE|FIXED TAPS|1-LINE|1-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料
|
Fairchild Semiconductor, Corp.
|