PART |
Description |
Maker |
552B110KBO1 |
7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
|
Vishay Siliconix
|
WG14013FR04 WG12013FR02 WG18015R FR35 WG18027R12 W |
1340 A, 1300 V, GATE TURN-OFF SCR 2150 A, 1500 V, SYMMETRICAL GTO SCR 820 A, 4000 V, GATE TURN-OFF SCR 1685 A, 2700 V, GATE TURN-OFF SCR 870 A, 600 V, GATE TURN-OFF SCR 700 A, 600 V, GATE TURN-OFF SCR 730 A, 1000 V, GATE TURN-OFF SCR 890 A, 1000 V, GATE TURN-OFF SCR
|
WESTCODE SEMICONDUCTORS LTD
|
AOK20B120D1 |
Low turn-off switching loss due to fast turn-off time
|
Alpha & Omega Semicondu...
|
6538S-1-102 |
PRECISION POT - 7/8" (22MM) 1-TURN CP RESISTOR, POTENTIOMETER, 1 TURN(S), 1 W, 1000 ohm
|
Bourns, Inc.
|
6639S-1-202 |
PRECISION POT-7/8" 22MM 1 TURN CP RESISTOR, POTENTIOMETER, 1 TURN(S), 1 W, 2000 ohm
|
Bourns, Inc.
|
3856H-282-502A 3856H-282-501A 3856H-282-203A 3856H |
Panel Mount Potentiometers 100K 3/4" Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 100000 ohm RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 500000 ohm ROHS COMPLIANT Panel Mount Potentiometers 10K 3/4" Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 10000 ohm 3851/3852/3856 - 3/4 Diameter Panel Control
|
Bourns Inc. Bourns, Inc. Bourns Electronic Solutions
|
POT3106Z-1-100 POT3106Z-1-205 POT3106Z-1-253 POT31 |
RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 10 ohm RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 2000000 ohm RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 25000 ohm RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 250000 ohm RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 50 ohm RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 500 ohm RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 5000 ohm RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 500000 ohm
|
Murata Manufacturing Co., Ltd.
|
3313S-1-500E 3313S-1-502E 3313S-1-205E 3313S-1-202 |
TRIMMER - SMD 3MM SQ ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.125 W, 5000 ohm SMD Single-Turn Trimmer Potentiometers 3mm 20M Horizontal Adj RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.125 W, 2000000 ohm TRIMMER - SMD 3MM SQ ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.125 W, 2000 ohm RES,Cermet,20KOhms,20 /-% Tol,-100,100ppm-TC,1314-Case RoHS Compliant: Yes RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.125 W, 20000 ohm
|
Bourns Inc. Bourns, Inc.
|
3269P-1-253G |
SMD Multi-Turn Trimmer Potentiometers 1/4" 25Kohms 10% Horizontal Adjust RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 25000 ohm
|
Bourns, Inc.
|
ICS302M ICS302MT ICS300 ICS300M ICS300MT ICS301M I |
QTClockQuick Turn Clock Synthesizer (ICS300 - ICS302) QTClock Quick Turn Clock Synthesizer QTClock⑩ Quick Turn Clock Synthesizer
|
ICST[Integrated Circuit Systems]
|
|