PART |
Description |
Maker |
BY229-200 BY229-800 BY229 BY229-400 BY229-600 BY22 |
Rectifier diodes fast, soft-recovery 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC DIODE FAST RECOVERY 1ST HEX SCHMITT inverter 3 to 8 line decoder Rectifier diodes fast, soft-recovery(快速,软恢复整流二极管) Octal bus buffer with 3 state outputs (inverted) Rectifier diodes fast/ soft-recovery
|
NXP Semiconductors N.V. Philips Semiconductors
|
1N5393 1N5399 1N5391 1N5392 1N5394 1N5395 1N5396 1 |
1.5A, 1000V ultra fast recovery rectifier 1.5 Amp Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5A, 200V ultra fast recovery rectifier 1.5A, 100V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
DLSR106 DLSR108 DLSR1010 |
1.0A, 80V ultra fast recovery rectifier 1.0A, 60V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier 1 Amp Schottky Barrier Rectifier 60 to 100 Volts
|
MCC[Micro Commercial Components]
|
MR852RL MR851RL MR850-D MR850 MR851 |
Axial Lead Fast Recovery Rectifiers(杞村?灏????揩?㈠??存?浜??绠? 3A 100V Fast Recovery Rectifier 3A 200V Fast Recovery Rectifier
|
ON Semiconductor
|
MUR660CT MUR605CT MUR610CT MUR640CT MUR620CT |
6.0A, 50V ultra fast recovery rectifier 6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 6.0A, 100V ultra fast recovery rectifier
|
MCC[Micro Commercial Components]
|
FFPF15U20DN FFPF15U20 FFPF15U20DNTU |
Ultrafast with soft recovery FAST RECOVERY POWER RECTIFIER 15A/200V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
HDB105G HDB107G HDB101G HDB104G HDB106G HDB102G HD |
1.0A, 1000V ultra fast recovery rectifier 1.0A, 50V ultra fast recovery rectifier 1.0A, 800V ultra fast recovery rectifier 1.0A, 200V ultra fast recovery rectifier 1.0A, 400V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) IC-1W BTL MONO AUDIO AMP Analog IC Audio Power Amplifier IC; Speaker Channels:Stereo; Output Power, Po:22W; Load Impedance Min:4ohm; Supply Voltage Max:18V; Supply Voltage Min:9V; Package/Case:17-SIP; Amplifier Type:; Number of Amplifiers:2; Output Current:0.375A 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
1N4933RL 1N4934RL 1N4936RL |
1A 50V Fast-Recovery Rectifier 1A 100V Fast-Recovery Rectifier 1A 400V Fast-Recovery Rectifier
|
ON Semiconductor
|
FFP10U20DN FFP10U20DNTU |
10A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER FAST RECOVERY POWER FECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
FFA15U40DN FFA15U40DNTU |
15A/400VUltra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER Ultrafast with soft recovery
|
FAIRCHILD[Fairchild Semiconductor]
|
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|