PART |
Description |
Maker |
SPMR467-02 |
300 AMPS DISCHARGE 60 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE
|
SSDI[Solid States Devices, Inc]
|
VE0603K300R014 |
Varistors, VE, Low Voltage High Temperature, 18 V, 14 VAC, 22 V, 40 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
|
Kemet Corporation
|
FZT853 |
Extremely low equivalent on-resistance; RCE(sat) 44mù at 5A, 6 Amps continuous current, up to 20 Amps peak current
|
TY Semiconductor Co., Ltd
|
LT1361 LT1361CN8 LT1361CS8 LT1362 LT1362CN LT1362C |
Dual and Quad 50MHz/ 800V/us Op Amps OCTAL BUFFERS AND LINE DRIVERS 20-SO 0 to 70 Dual and Quad 50MHz, 800V/us Op Amps From old datasheet system Dual and Quad 50MHz, 800V/s Op Amps Dual and Quad 50MHz, 800V/µs Op Amps
|
Linear Technology Corporation LINER[Linear Technology]
|
27CX010LI-45 27CX010LI-70 27CX010W-55 27CX010L-55 |
±15V Chopper Stabilized Op Amps Single/Dual/Quad, 1.8V/10µA, SOT23, Beyond-the-Rails Op Amps 330MHz Buffered Video Switches Crosspoint Building Blocks x8存储 x8 EPROM x8存储
|
Vishay Intertechnology, Inc.
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|
LT1208 LT1208C LT1208CN8 LT1208CS8 LT1209 LT1209C |
Dual and Quad 45MHz, 400V/us Op Amps 双核和四45MHz00V/us运算放大 Dual and Quad 45MHz/ 400V/us Op Amps Dual and Quad 45MHz, 400V/ms Op Amps From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
EL5111 EL5111IWT-T7 EL5111IWT-T7A EL5111IWTZ-T7 EL |
Intersil 60MHz Rail-to-Rail Input-Output Op Amps 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps DUAL OP-AMP, 15000 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps 4 CHANNEL, VIDEO AMPLIFIER, PDSO14
|
INTERSIL[Intersil Corporation] 音频/视频放 Intersil, Corp.
|
7311 8609 7305 7308 7637 8637 8636 |
T-1 3/4 subminiature, bi-pin lamp. 10.0 volts, 0.070 amps. T-1 3/4 subminiature, miniature flanged lamp. 10.0 volts, 0.070 amps. T-1 3/4 subminiature, miniature flanged lamp. 4.5 volts, 0.285 amps. T-1 3/4 subminiature, bi-pin lamp. 4.5 volts, 0.285 amps. T-1 3/4 subminiature, bi-pin lamp. 3.0 volts, 0.190 amps. T-1 3/4 subminiature, miniature flanged lamp. 3.0 volts, 0.190 amps. T-1 3/4 subminiature, miniature flanged lamp. 1.35 volts, 0.060 amps.
|
Gilway Technical Lamp
|
MUR460 MUR405 MUR420 MUR415 MUR440 MUR410 |
(MUR405 - MUR460) 4.0 AMPS / ULTRA FAST RECTIFIERS 4.0 AMPS. ULTRA FAST RECTIFIERS 4.0安培。超高速整
|
娴???洪??靛??ㄤ欢?????? ON Semiconductor JGD[Jinan Gude Electronic Device] http://
|