PART |
Description |
Maker |
2SD2127 E001162 |
From old datasheet system SWITCHING APPLICATIONS LAMP, SOLENOID DRIVE APPLICATIONS NPN EPITAXIAL TYPE (SWITCHIN, LAMP, SOLENOID DRIVE APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
MAX1878 |
Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
|
MAXIM - Dallas Semiconductor
|
RT9907PQV |
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down 3通道DC / DC转换器集成电路的高效率升压和降压
|
Richtek Technology, Corp.
|
BD9300FV-E2 |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
ROHM
|
BD9300F BD9300F08 BD9300FV |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
AN8018 |
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
|
Panasonic Semiconductor
|
2023-8024 2023-8230 2022-9024 |
RELAIS STEP MODULAR 24VA RELAIS STEP MODUL. 230VA RELAIS STEP MODULAR 24VD 继电器步模块4VD
|
Molex, Inc.
|
LTC1514-3.3 1514I3 1514I5 LTC1514IS8-3.3TRPBF LTC1 |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 0.05 A SWITCHED CAPACITOR REGULATOR, 800 kHz SWITCHING FREQ-MAX, PDSO8 Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator(3.3V输出,步升/步降开关电容DC/DC变换器(带低电池比较器)) Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. Linear Technology Corporation
|