PART |
Description |
Maker |
ST72C215G2MCE |
8-bit MCU for automotive with single voltage Flash/ROM memory,ADC, 16-bit timers, SPI, I2C interfaces
|
ST Microelectronics
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 IC-SM-8-BIT MCU 集成电路位微控制 EPROM/ROM-Based 8-Bit CMOS Microcontroller Series 存储基于ROM位CMOS微控制器系列 IC-8-BIT MCU 集成电路8位微控制 Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 集成电路8CMOS微控制器 Complementary High Speed Power Drivers 16-SOIC 0 to 70 MB 8C 8#20 SKT RECP MB 15C 14#20 1#16 PIN RECP Constant-Current/Voltage High Efficiency Battery Charger; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS IC-8-BIT CMOS MCU-OTP 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IC-SM-MCU-8 BIT (TUBED QTY) IC-SM-8-BIT CMOS MCU Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C IC-MCU-8 BIT (TUBED QTY)
|
Micrel Semiconductor, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. Cypress Semiconductor Corp. 8位微控制 Microchip Technology Inc.
|
ST72C254G2M6TR ST72P254G2B6 ST72P254G1B6 ST72P254G |
ST72104G/ST72215G/ST72216G/ST72254G - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
|
ST Microelectronics
|
ST72314N4B6 ST72334J2T3LLCTR ST72314J4B6 ST72334J4 |
ST72334J/ST72334N/ST72314J/ST72314N/ST72124J - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
|
ST Microelectronics
|
ST7PLITEUS5U6TR ST7PLITEUS5U3 ST7FLITEUS5U3TR ST7F |
8-bit MCU with single voltage Flash memory, ADC, timers
|
意法半导
|
ST7FLITEU09M6TR ST7PLITEU09M6TR ST7LITEU05 ST7LITE |
8-bit MCU with single voltage Flash memory, ADC, timers
|
STMicroelectronics
|
ST7PLITE10F1B6 ST7PLITE15F1B6 ST7FLITE15F1B6 ST7FL |
ST7LITE1 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,DATA EEPROM, ADC, 4 TIMERS, SPI 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
|
ST Microelectronics
|
ST7FLITEU09M6 ST7LITEU09 |
ST7ULTRALITE - 8-BIT MCU WITH 2K SINGLE VOLTAGE FLASH MEMORY, ADC, TIMERS
|
ST Microelectronics
|
ST7FLITE09Y0M6 ST7FLITE09Y0B6 ST7FLITE09 ST7FLITE0 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
|
STMicroelectronics
|
ST92F150CR1TC ST92F150CR2QB ST92F150CR2QC ST92F150 |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
|
STMicroelectronics http://
|
ST7F10BF0B3TR ST7F10BF0B6 ST7F10BF0B6TR ST7F10BF0M |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
|
STMicroelectronics
|
ST92F150 |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM / E3 TMEMULATED EEPROM / CAN 2.0B AND J1850 BLPD
|
ST Microelectronics
|