PART |
Description |
Maker |
2SC4634 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
MAX16814AUP |
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller; Package: TSSOP-EP;20 pin;43 mm² ; Temperature: -40°C to 125°C LED DISPLAY DRIVER, PDSO20
|
Maxim Integrated Products, Inc.
|
FPQ331 FPQ76 PMQPW250 PMQ440 |
Analog IC High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 高压大电流SOT-23封装检测放大器,封装类型:SOT;引脚数量:5;工作温度:0℃_70 High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 模拟IC
|
Murata Manufacturing Co., Ltd. TE Connectivity, Ltd.
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
TX2-5V TX2-12V TX2-3V TX2-L-1.5V TX2-48V TX2-L2-H- |
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE 2阿继电器容量高浪涌电 RELAY, SOLID STATE 40A 240VAC FILM/M CAPACITANCE=0.1 VOLT=63 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Nais(Matsushita Electric Wo... Panasonic, Corp. YEONHO Electronics Co., Ltd. NAIS[Nais(Matsushita Electric Works)] http://
|
MAX11080GUU MAX11080GUU/V |
12-Channel, High-Voltage Battery-Pack Fault Monitor 12-Channel, High-Voltage Battery-Pack Fault Monitor; Package: TSSOP;38 pin;64 mm² ; Temperature: -40°C to 105°C
|
Maxim Integrated Products MAXIM INTEGRATED PRODUCTS INC
|
ISL4314305 ISL43145IVZ ISL43143 ISL43143IR ISL4314 |
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PQCC16
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL6208IB ISL6208IBZ ISL6208IBZ-T ISL6208IB-T ISL6 |
High Voltage Synchronous Rectified Buck MOSFET Driver with Programmable Deadtime; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 High Voltage Synchronous Rectified Buck MOSFET Driver with Programmable Deadtime; Temperature Range: -40°C to 85°C; Package: 8-QFN T&R 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8
|
Intersil Corporation Intersil, Corp.
|
MSK1461 MSK1461B |
High Speed/Voltage Op Amp(FET输入,高电压高速运算放大器) OP-AMP, 8000 uV OFFSET-MAX, 1200 MHz BAND WIDTH, DFM14
|
M.S. Kennedy, Corp. M.S. Kennedy Corp.
|
JHV3780 JHV37 JHV3712 JHV3716 JHV3720 JHV3724 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 57; IFSM (A): 1500; Vrwm (V): 60000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 57; IFSM (A): 1500; Vrwm (V): 36000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|