PART |
Description |
Maker |
SPA151M02R SPA151M04R SPA151M0ER SPA331M02R SPA331 |
Solid Polymer Aluminum SMT Capacitors
|
Cornell Dubilier Electronics
|
PCJ0E181MCL1GS PCJ0G561MCL9GS |
PWM Current-Mode Controller for Free Running Quasi-Resonant Operation CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 180 uF, SURFACE MOUNT 3.0 MHz, 600 mA Step-Down DC-DC Converter CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 560 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
GBP2010 GBP206 GBP208 GBP2005 GBP201 GBP202 GBP204 |
Aluminum Polymer SMT Capacitor; Capacitance: 270uF; Voltage: 10V; Case Size: 8x7 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 68uF; Voltage: 16V; Case Size: 6.3x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 470uF; Voltage: 10V; Case Size: 10x8 mm; Packaging: Tape & Reel 2.0A GLASS PASSIVATED BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
EEFCT1A680R EEFCT1D330R EEFCT1C470R EEFCX1A470R EE |
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
|
Panasonic Semiconductor
|
FP-6R3RE221M-L1CG FP-6R3RE681M-V1CG FP-6R3RE151M-L |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 220 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 150 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 390 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 330 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE
|
Fujitsu, Ltd.
|
EEFFD0E560R EEFFD0D680R EEFCD0G820ER EEFUD0K680ER |
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors) SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
|
Panasonic Semiconductor
|
FP-6R3RE151M-01CG FP-6R3RE102M-S1CG FP-6R3RE681M-S |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 150 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Fujitsu, Ltd.
|
FP-6R3ME331M-SAR FP-6R3ME271M-SAR FP-6R3ME221M-SAR |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 270 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 220 uF, SURFACE MOUNT ROHS COMPLIANT
|
Nichicon, Corp.
|
APXG250ARA680MH70G |
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
|
United Chemi-Con, Inc.
|
PSC2.5VB1000MH11 PSC2.5VB2700MJ11 PSC2.5VB560MH08 |
Conductive polymer Aluminum solid capacitors
|
United Chemi-Con, Inc.
|
|