PART |
Description |
Maker |
27C512A-90/J 27C512A-90/K 27C512A-70/J 27C512A-70/ |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps 500MHz, Low-Power Op Amps 250MHz, Broadcast-Quality, Low-Power Video Op Amps Evaluation Kit for the MAX4104, MAX4105, MAX4304, MAX4305 Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps 400MHz, Ultra-Low-Distortion Op Amps x8 EPROM x8存储 330MHz Buffered Video Switches Crosspoint Building Blocks x8存储 350MHz, Ultra-Low-Noise Op Amps x8存储 Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers x8存储
|
Integrated Device Technology, Inc.
|
VC0603K300R014 |
Varistors, VC, Low Voltage, 18 V, 14 VAC, 22 V, 38 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
|
Kemet Corporation
|
VE0603K300R011 |
Varistors, VE, Low Voltage High Temperature, 14 V, 11 VAC, 18 V, 35 V, 1 Amps, 30 Amps, 200 mJ, 3000 uW
|
Kemet Corporation
|
2SK436 |
AM RADIO RF AMPS AND LOW NOISE AMPS
|
TY Semiconductor Co., Ltd
|
LT1361 LT1361CN8 LT1361CS8 LT1362 LT1362CN LT1362C |
Dual and Quad 50MHz/ 800V/us Op Amps OCTAL BUFFERS AND LINE DRIVERS 20-SO 0 to 70 Dual and Quad 50MHz, 800V/us Op Amps From old datasheet system Dual and Quad 50MHz, 800V/s Op Amps Dual and Quad 50MHz, 800V/µs Op Amps
|
Linear Technology Corporation LINER[Linear Technology]
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
NTD32N06-1 NTD32N06-1G NTD32N06T4G NTD32N06 NTD32N |
Power MOSFET 32 Amps, 60 Volts 32 Amps, 60 Volts, N−Channel DPAK
|
ONSEMI[ON Semiconductor]
|
5962-9455804NZB 5962-9455804QXA 5962-9455802QYA |
16-Bit Digital Signal Processor SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps 16位数字信号处理器
|
Electronic Theatre Controls, Inc.
|
KG GP1R |
CDMA/AMPS dual Band IF Receiver for Digital Phones Dual Mode CDMA/AMPS Baseband Interface
|
Mitel Networks Corporat... Mitel Networks Corporation
|
5962-9455602M2X |
SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps 4通道模拟多路复用
|
Molex, Inc.
|
NTB45N06 NTB45N06T4 NTP45N06 NTP45N06_D NTP45N06D |
Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK Power MOSFET 45 Amps / 60 Volts Power MOSFET 45 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 45 Amps, 60 Volts 功率MOSFET四十五安培,60伏特
|
ONSEMI[ON Semiconductor]
|
MCP6L01UT-E_LT MCP6L01UT-E_MS MCP6L01UT-E_OT MCP6L |
1 MHz, 85 μA Op Amps 1 MHz, 85 渭A Op Amps 1 MHz, 85 楼矛A Op Amps
|
Microchip Technology
|
|