PART |
Description |
Maker |
MICRF213 MICRF213AYQS |
1.8 V dual UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface, SOT912-1 (TFBGA36), Tray Pack, Bakeable, Multiple SPECIALTY CONSUMER CIRCUIT, PDSO16 1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface, SOT617-1 (HVQFN32), Tray Pack, Bakeable, Multiple 3.3,QwikRadio系列15MHz的接收器
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
SC16C652BIBS151 SC16C652BIB48157 SC16C652BIB48151 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT313-2 (LQFP48); Container: Tray Pack, Bakeable, Single 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP48 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT313-2 (LQFP48); Container: Tray Pack, Bakeable, Multiple 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP48 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Single 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32
|
NXP Semiconductors N.V.
|
SC16C554BIBM151 SC16C554BIB64157 SC16C554BIBM157 S |
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs; Package: SOT414-1 (LQFP64); Container: Tray Pack, Bakeable, Single 4 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP64 5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs; Package: SOT314-2 (LQFP64); Container: Tray Pack, Bakeable, Multiple 4 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP64 5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs; Package: SOT414-1 (LQFP64); Container: Tray Pack, Bakeable, Multiple 4 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP64
|
NXP Semiconductors N.V.
|
SC16C754B SC16C754BIBM |
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
|
NXP Semiconductors
|
TS87C51U2NBSP TS80C51U2NBSP TS87C51U2 TS83C51U2 TS |
Single Point to Point IEEE 1355 High Speed Controller Double UART 8-bit CMOS Microcontroller From old datasheet system Double UART 8-bit microcontroller ROMless Double UART 8-bit microcontroller 16 Kbytes OTP
|
ATMEL Corporation
|
SC68C752B SC68C752BIB48 SC68C752BIBS |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode μP interface 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 渭P interface
|
NXP Semiconductors
|
SC16C652BIB48 SC16C652BIBS |
5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
|
NXP Semiconductors
|
SC16C554DBIA68 SC16C554BIB80 SC16C554BIBM SC16C554 |
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs 5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
|
NXP Semiconductors
|
IS25CD010 IS25LD020 IS25CD512 |
512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory 512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus Interface
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
PM25LV080B |
(PN25LV080B / PM25LV016B) 8 Mbit / 16 Mbit Single Operation Voltage Serial Flash Memory
|
Chingis Technology
|
49LF002 SST49LF003A-33-4C-NH SST49LF003A-33-4C-WH |
MB 6C 6#20 SKT PLUG 2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub 384K X 8 FLASH 3V PROM, 11 ns, PQCC32 2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub 256K X 8 FLASH 3V PROM, 11 ns, PQCC32 2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub 512K X 8 FLASH 3V PROM, 11 ns, PQCC32
|
Silicon Storage Technology Inc Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
|