PART |
Description |
Maker |
GBPC25 GBPC GBPC35 GBPC12 GBPC15 GBPC2504 GBPC3504 |
12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 680uF; Voltage: 6.3V; Case Size: 10x13 mm; Packaging: Bulk 12/ 15/ 25/ 35 Ampere Glass Passivated Bridge Rectifiers 25 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电5A,重复反相电压峰00V)) 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers 12555安培玻璃钝化整流 25 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V)) 15 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V))
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MP1510 MP1505 MP1507 MP1503 MP154 MP158 MP151 MP15 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes) 单相玻璃钝化硅桥式整流器(电压范50000伏特,电流十五安培) (MP1505 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (MP151 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON[Rectron Semiconductor]
|
FUF2005 FUF2007 FUF2006 FUF2004 FUF2003 FUF2002 FU |
50 V, 2 A glass passivated ultrafast recovery rectifier 100 V, 2 A glass passivated ultrafast recovery rectifier 200 V, 2 A glass passivated ultrafast recovery rectifier 400 V, 2 A glass passivated ultrafast recovery rectifier 800 V, 2 A glass passivated ultrafast recovery rectifier 1000 V, 2 A glass passivated ultrafast recovery rectifier 600 V, 2 A glass passivated ultrafast recovery rectifier RECTIFIER DIODE, DO-15 Ultrafast Recovery Rectifiers 超快恢复二极
|
Fagor International Rectifier, Corp. Vishay Intertechnology, Inc.
|
FFM107 FFM101 FFM105 FFM102 FFM103 FFM104 FFM106 |
Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 1000V, maxVRMS = 700V, maxVDC = 1000V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 50V, maxVRMS = 35V, maxVDC = 50V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 600V, maxVRMS = 420V, maxVDC = 600V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 100V, maxVRMS = 70V, maxVDC = 100V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 200V, maxVRMS = 140V, maxVDC = 200V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 400V, maxVRMS = 280V, maxVDC = 400V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 800V, maxVRMS = 560V, maxVDC = 800V. Current 1.0A.
|
Rectron Semiconductor
|
GL34M GL34A GL34B GL34D GL34G GL34J GL34K |
From old datasheet system MINI-MELF glass passivated junction Diodes - Silicon passivated type
|
FORMOSA[Formosa MS]
|
3SMC8.0CA 3SMC8.5CA 3SMC85CA 3SMC6.0CA 3SMC6.5CA 3 |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(??ぇ???宸ヤ??靛?.0V,????荤???????????靛?????? Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电9.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电7.0V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Vishay Intertechnology, Inc. Central Semiconductor, Corp. Central Semiconductor Corp.
|
2KBP0056 2KBP086 |
2AMP glass passivated silicon bridge rectifier 2 AMP glass passivated silicon bridge rectifier
|
COLLMER SEMICONDUCTOR INC
|
GBL400G GBL401G GBL406G |
4.0Amp GLASS PASSIVATED BRIGGE Rectifiers GLASS PASSIVATED
|
First Components International First Components Intern...
|
1SMB6.5CA 1SMB8.5CA 1SMB6.0CA 1SMB8.0CA 1SMC50A 1S |
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS PT 1.5/ 7-3.5-V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS 600 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,双向玻璃钝化节点瞬变电压抑制 PT 1.5/14-3.5-V Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS/ 5.0 THRU 170 VOLTS Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(??ぇ???宸ヤ??靛?3V,????荤???????????靛??????
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp. Central Semiconductor C...
|
1N4007GPP 1N4006GPP |
GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1.0 AMP, 50 THRU 1000 VOLTS 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
Central Semiconductor Corp. Vishay Intertechnology, Inc.
|
|