PART |
Description |
Maker |
DE150-102N02A |
N-Channel Enhancement Mode Avalanche Rated Low Qg and Rg High dv/dt Nanosecond Switching RF Power MOSFET N沟道增强模式雪崩额定低Qg和RGdv / dt的纳秒级射频功率MOSFET开
|
List of Unclassifed Manufacturers Directed Energy ETC[ETC] Electronic Theatre Controls, Inc.
|
SL24T1G |
300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections 300 W, UNIDIRECTIONAL, SILICON, TVS DIODE, TO-236
|
ON Semiconductor
|
PIC17C756AT-33/L PIC17C756AT-33/PT PIC17C756AT-33E |
A newer device is available. Please consider PIC18F6520. This powerful 8.25 MIPS (121 nanosecond instruction execution) yet ... A newer device is available. Please consider PIC18F8520. This powerful 8.25 MIPS (121 nanosecond instruction execution) yet ...
|
Microchip
|
ADP3333ARM-3-REEL ADP3333ARM-3-REEL7 ADP3333ARM-1. |
3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 ULTRA SMALL, MSOP-8 High Accuracy Ultralow I<SUB>Q</SUB>, 300 mA, anyCAP® Low Dropout Regulator High Accuracy Ultralow IQ, 300 mA, anyCAP® Low Dropout Regulator
|
Analog Devices, Inc.
|
PIC16LF627A-I/ML PIC16LF627A-I/P PIC16F627A-I/SOG |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp
|
Microchip
|
F12C40 F12C60 F12C30 F12C50 |
POWER RECTIFIERS(12A,300-600V) 大功率整流器(第12A ,300 - 600V的)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
MAN3680A MAN78A AN38 MAN3480A MAN3880A |
0.300-INCH SEVEN SEGMENT DISPLAYS 0.300-INCH SEVEN SEGMENT DISPLAYS 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY GREEN, 7.62 mm
|
http:// QT[QT Optoelectronics]
|
PIC12F629-I/MF PIC12F629-I/P PIC12F675T-E/MF PIC12 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into an 8-pin package and featur 8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory
|
Microchip
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
A newer device is available. Please consider PIC16F54. This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit ... A newer version of this device is available. Please consider PIC16C55A A newer version of this device is available. Please consider PIC16C56A A newer version of this device is available. Please consider PIC16C57C This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into a 28-pin package. Easily adapted for aut This powerful(100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchip¡¦s powerful PIC architecture into an 18-pin package. Easily adapted f This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted for au This powerful (200 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted for au This powerful (200 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into a 28-pin package. Easily adapted for aut This powerful(100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller ...
|
Microchip
|
H08A60 H08A30 H08A40 H08A50 |
HIGH EFFICIENCY RECTIFIERS(8A/300-600V) HIGH EFFICIENCY RECTIFIERS(8A,300-600V)
|
MOSPEC[Mospec Semiconductor]
|
MP02HBT190-08 MP02HBT190-10 MP02HBT190-12 |
300 A, 800 V, SCR 300 A, 1000 V, SCR 300 A, 1200 V, SCR
|
DYNEX SEMICONDUCTOR LTD
|