PART |
Description |
Maker |
SMF7V0A-M SMF7V5A-M SMF13A-M SMF33A-M SMF45A-M SMF |
Surface Mount ESD Protection Diodes
|
Vishay Siliconix
|
ESD9D3.3 ESD9D5.0 ESD9DXX |
Surface Mount TVS For ESD Protection Diode
|
Weitron Technology
|
SMF51A SMF4XA SMF2XA SMFXVXA |
(SMF6.0A - SMF51A) Surface Mount ESD Protection Diodes
|
Vishay Siliconix
|
WOST04 WOST05 WOST08 WOST12 |
Surface Mount TVS Diode Array for ESD Protection
|
Weitron Technology
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
HDMIULC6-2M6 HDMIULC6-2P6 HDMIULC6-2X6 |
Ultra Low capacitance 2 lines ESD protection Ultra large bandwidth ESD protection UNIDIRECTIONAL, SILICON, TVS DIODE
|
ST Microelectronics STMicroelectronics
|
CPDZ9V0U-HF |
Halogen Free ESD Diodes, V-C=15V, V-ESD=30kV SMD ESD Protection Diode
|
Comchip Technology
|
CPDF5V0C-HF |
Halogen Free ESD Diodes, V-C=15V, V-ESD=8kV SMD ESD Protection Diode
|
Comchip Technology
|
CPDUR9V0LP-HF |
Halogen Free ESD Diodes, V-C=16V, V-ESD=8kV Low Capacitance ESD SMD Protection Diode
|
Comchip Technology
|
CPDF3V3UP-HF |
Halogen Free ESD Diodes, V-C=5.5V, V-ESD=15kV SMD ESD Protection Diode
|
Comchip Technology
|
EMIF06-10006F1 EMIF06-10006 |
±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 6 LINES EMI FILTER AND ESD PROTECTION 6 LINES EMI FILTER AND ESD PROTECTION
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
EMIF10-COM01 |
EMI滤波器包括静电放电保 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-MSOP EMI FILTER INCLUDING ESD PROTECTION EMI FILTER INCLUDING ESD PROTECTION
|
STMicroelectronics ST Microelectronics
|