PART |
Description |
Maker |
CY7C251 7C251 CY7C254 |
16K x 8 Power Switched and Reprogrammable PROM(16K x 8功率转换可重复编程的PROM) 16K的8电源开关和可再编程胎膜早破6K的8功率转换和可重复编程的可编程 16K x 8 Power Switched and Reprogrammable PROM(16K x 8功率转换可重复编程的 PROM) From old datasheet system 16K x 8 Power Switched andReprogrammable PROM
|
Cypress Semiconductor Corp.
|
HM1-65262/883 |
16K x 1 Asynchronous CMOS Static RAM 16K X 1 STANDARD SRAM, 85 ns, CDFP20
|
Intersil, Corp.
|
CYDM064A08 |
1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
|
Cypress Semiconductor
|
CY7C276 7C276 |
16K x 16 Reprogrammable PROM(16K x 16可重复编程的PROM) From old datasheet system
|
Cypress Semiconductor Corp.
|
IDT72V73263BB IDT72V73263DR |
16K x 16K TSI, 64 I/O at 2/4/8/16 or 32Mbps, Rate-Matching, 3.3V
|
IDT
|
AL4CX3680 AL4CX3660 AL4CX3670 |
2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs 2K / 4K 8K 16K 32K的36同步FIFO
|
AverLogic Technologies, Corp. AverLogic Technologies Inc AverLogic Technologies, Inc.
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
24C080-EP 24C080-ESN 24C080-IP 24C080-ISN 24C080-P |
8K,16K 5.0V SPI bus EEPROM 8K/16K 5.0V SPI Bus Serial EEPROM 8K/16K 5.0V SPI总线串行EEPROM 8K/16K5.0VSPIBusSerialEEPROM 8K/16K 5.0V SPI Bus Serial EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology MICROCHIP[Microchip Technology]
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
P4C188-15PC P4C188-15PI P4C188-15PM P4C188-15PMB P |
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS 16K X 4 STANDARD SRAM, 15 ns, PDIP22
|
Pyramid Semiconductor C... Pyramid Semiconductor Corporation
|
CY7C006A-20AC CY7C006A-20JC CY7C016A CY7C016A-12AC |
32K/16K x8, 32K/16K x9 Dual-Port Static RAM
|
CYPRESS[Cypress Semiconductor]
|
ZPSD301-15MI ZPSD301-70J ZPSD301-15UI ZPSD301-70MI |
16K X 16 OTPROM, 19 I/O, PIA-GENERAL PURPOSE, PQFP44 PLASTIC, QFP-44 16K X 16 OTPROM, 19 I/O, PIA-GENERAL PURPOSE, PQCC44 16K X 16 UVPROM, 19 I/O, PIA-GENERAL PURPOSE, CQCC44
|
STMicroelectronics N.V.
|