PART |
Description |
Maker |
LM2597HV-5.0 LM2597HV-12 |
SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator with Features(897.00 k) SIMPLE SWITCHER系列电源转换50千赫0.5A的降压稳压器的功能(897.00十一 SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator with Features(897.00 k) SIMPLE SWITCHER系列电源转换150千赫0.5A的降压稳压器的功能(897.00十一
|
Ecliptek, Corp. Cypress Semiconductor, Corp.
|
MAX779L MAX779LCPA MAX779LCSA MAX779LEPA MAX779LES |
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters Low-Voltage Input / 3V/3.3V/5V/ Adjustable Output / Step-Up DC-DC Converters Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters 1 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PDIP8 Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters 1 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, UUC15 Low-Voltage Input 3V/3.3V/5V/ Adjustable Output Step-Up DC-DC Converters
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
N2576S |
52 KHz 3A Step-Down Switching Voltage Regulator
|
NIKO-SEM
|
N2576G-5 |
52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
|
List of Unclassifed Manufacturers ETC
|
ILC6363 ILC6363CIR50X ILC6363CIRADJX ILC6363CIR33 |
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries 1 A BATTERY CHARGE CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO8 MSOP-8 STEP-UP/STEP DOWN DC-DC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
OP07D OP07DN OP07DR-REEL OP07DR-REEL7 OP07DR OP07D |
Ultralow Offset Voltage Operational Amplifier; Package: SOIC 150 MIL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 350 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO8 150 μV Maximum Offset Voltage Op Amp 150 渭V Maximum Offset Voltage Op Amp 150 レV Maximum Offset Voltage Op Amp
|
Analog Devices, Inc.
|
LT1374IS8-SYNCTRPBF LT1374IS8-5SYNCTRPBF LT1374IFE |
8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PDSO8 0.150 INCH, PLASTIC, SO-8 4.5A, 500kHz Step-Down Switching Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PDSO16 4.5A, 500kHz Step-Down Switching Regulator; Package: SO; No of Pins: 7; Temperature Range: 0°C to 70°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PDSO8 4.5A, 500kHz Step-Down Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PDSO8 4.5A, 500kHz Step-Down Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PSFM7 4.5A, 500kHz Step-Down Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3548AEDDTRPBF LTC3548AIDDTRPBF |
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: 10-DFN; Temperature Range: –40°C to 125°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: 10-DFN; Temperature Range: –40°C to 85°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
FS6S1265RB FS6S FS6S0965RT FS6S1265RE-YDTU FS6S126 |
Fairchild Power Switch(FPS) 48 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PZFM5 48 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
LTC1625IGNPBF LTC1625IGNTRPBF |
No RSENSE Current Mode Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 2 A SWITCHING CONTROLLER, 150 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
LTC3612EFETRPBF |
3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter; Package: 20-TSSOP; Temperature Range: –40°C to 125°C 6.8 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO20
|
Linear Technology, Corp.
|