PART |
Description |
Maker |
AD8661 AD8661ACP AD8661ARZ |
16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
|
Analog Devices
|
MAX4336EXTT |
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
|
MAXIM - Dallas Semiconductor
|
AD8569ARM-REEL AD8569ARM-R2 AD8570ACP-REEL AD8570A |
16V Rail-to-Rail Buffer Amplifier 6-Lead SOT 23
|
Analog Devices
|
BUS-65163-B BUS-65153-883B |
Rail-to-rail high output current quad operational amplifier Output rail-to-rail operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Coilcraft, Inc.
|
LTC1152 LTC1152C LTC1152CN8 LTC1152CS8 LTC1152I LT |
From old datasheet system Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
|
LINER[Linear Technology]
|
LMV321 |
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
|
Exar Corporation
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
AD860103 AD8602DRM-REEL AD8601ART-REEL7 AD8601DRT- |
DigiTrim™ Dual Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
|
Analog Devices
|
KBPC1016F_W KBPC1000F_W KBPC1000FW KBPC1001F_W KBP |
Silicon-Bridge Recitifers Rail-To-Rail uPower Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC 0 to 70 Quad Rail-To-Rail uPower Operational Amplifier 14-TSSOP 0 to 70 RES 365K 1% .063W
|
SEMIKRON[Semikron International]
|
MP5421 MP5421DM MP5221 MP5221DK MP5121 |
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
|
Monolithic Power Systems Monolithic Power System...
|